Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2565 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2565
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2565 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2565 Datasheet HTML 1Page - KR Electronics, Inc. 2565 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S21
LOG
1 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
13 . 000
000
MHz
Cor
PRm
CH2
S21
DEL
20 ns/
REF 80 ns
Cor
Smo
PRm
18 Oct 2004 10:54:07
CH2
S21
LOG
10 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
100 . 000
000
MHz
Cor
Avg
16
PRm
18 Oct 2004 10:55:34
KR Electronics 2565
KR 2565 is a 70 MHz bandpass filter. The filter has a
minimum 1 dB bandwidth of 8 MHz and is designed for 50
source and load impedance. Other center frequencies and band-
widths are available. Also available in a surface mount package.
Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
70 MHz Bandpass
Elliptic type response
50 Ω
SMA Connectors
Also available in SMT package
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 100 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2565

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2565 SCHURTER-2565 Datasheet
325Kb / 2P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2565 SCHURTER-2565 Datasheet
216Kb / 3P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2565 SCHURTER-2565 Datasheet
226Kb / 3P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
logo
B&K Precision Corporati...
2565 BK-2565 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
Schurter Inc.
2565 SCHURTER-2565 Datasheet
226Kb / 3P
   IEC Appliance Inlet C6, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
More results

Similar Description - 2565

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com