Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL16R4-25C Datasheet(PDF) 11 Page - Texas Instruments

Part # TIBPAL16R4-25C
Description  LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL16R4-25C Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIBPAL16R4-25C Datasheet HTML 7Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 8Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 9Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 10Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 11Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 12Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 13Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 14Page - Texas Instruments TIBPAL16R4-25C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TIBPAL16L8-30M, TIBPAL16R4-30M, TIBPAL16R6-30M, TIBPAL16R8-30M
LOW-POWER HIGH-PERFORMANCE IMPACT
™ PAL® CIRCUITS
SRPS059 – FEBRUARY 1984 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply, except for programming pins, during a programming cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
12
mA
fclock
Clock frequency
0
25
MHz
t
Pulse duration clock (see Note 2)
High
15
ns
tw
Pulse duration, clock (see Note 2)
Low
20
ns
tsu
Setup time, input or feedback before clock
25
ns
th
Hold time, input or feedback after clock
0
ns
TA
Operating free-air temperature
–55
25
125
°C
NOTE 2: The total clock period of clock high and clock low must not exceed clock frequency, fclock. The minimum pulse durations specified are
for clock high or low only, but not for both simultaneously.


Similar Part No. - TIBPAL16R4-25C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16R4-25CFN TI-TIBPAL16R4-25CFN Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
TIBPAL16R4-25CJ TI-TIBPAL16R4-25CJ Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
TIBPAL16R4-25CN TI-TIBPAL16R4-25CN Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
More results

Similar Description - TIBPAL16R4-25C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com