Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2490 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2490
Description  Lowpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2490 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2490 Datasheet HTML 1Page - KR Electronics, Inc. 2490 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S 21
log MAG
5 dB/
REF 0 dB
START
.100 000 MHz
STOP 100.000 000 MHz
PRm
28 Aug 2003 11:17:51
CH1
S 21
log MAG
.2 dB/
REF 0 dB
START
.100 000 MHz
STOP
8.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 120 ns
10 ns/
Cor
Smo
PRm
28 Aug 2003 11:16:02
1
1
1_:-.4425 dB
7.000 000 MHz
2
1
1_ 139.42 ns
KR 2490 Lowpass Filter
KR 2490 is a group delay equalized lowpass filters. The fil-
ter’s flat passband response and group delay equalization
make it a good choice for video applications.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
Flat passband response
Group delay equalized
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.2 dB/div & 10 nsec/div) 100 KHz to 8 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div) 100 KHz to 100 MHz


Similar Part No. - 2490

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
249033-001 INTEL-249033-001 Datasheet
787Kb / 48P
   Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
logo
Weidmuller
2490360000 WEIDMULLER-2490360000 Datasheet
631Kb / 33P
   Feed-through terminal, PUSH IN, 10 mm짼
November 9, 2021
2490540000 WEIDMULLER-2490540000 Datasheet
207Kb / 2P
   AEP 3C 10/16 BL A-series, End plate
October 18, 2021
2490590000 WEIDMULLER-2490590000 Datasheet
543Kb / 30P
   PE terminal, PUSH IN, 10 mm짼, 1000 V, Green/ yellow
October 18, 2021
logo
Linear Integrated Syste...
2490A LINEAR-2490A Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
More results

Similar Description - 2490

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
   Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
   Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com