Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6022 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS6022
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6022 Datasheet(HTML) 3 Page - Texas Instruments

  THS6022 Datasheet HTML 1Page - Texas Instruments THS6022 Datasheet HTML 2Page - Texas Instruments THS6022 Datasheet HTML 3Page - Texas Instruments THS6022 Datasheet HTML 4Page - Texas Instruments THS6022 Datasheet HTML 5Page - Texas Instruments THS6022 Datasheet HTML 6Page - Texas Instruments THS6022 Datasheet HTML 7Page - Texas Instruments THS6022 Datasheet HTML 8Page - Texas Instruments THS6022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
THS6022
250-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS225C – SEPTEMBER 1998 – REVISED JANUARY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin assignments
9
8
7
6
5
A
B
C
D
E
F
3
2
1
G
H
J
4
2IN+
1N+
1IN–
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC+
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
2IN–
NC
NC
NC
NC
VCC+
NOTE: Shaded terminals are used for thermal connection to the ground plane.
MicroStarJunior (GQE) Package
(TOP VIEW)
NC
NC
NC
NC
NC


Similar Part No. - THS6022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI-THS6022 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6022 TI1-THS6022 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com