Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS5661AIPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS5661AIPW
Description  12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661AIPW Datasheet(HTML) 5 Page - Texas Instruments

  THS5661AIPW Datasheet HTML 1Page - Texas Instruments THS5661AIPW Datasheet HTML 2Page - Texas Instruments THS5661AIPW Datasheet HTML 3Page - Texas Instruments THS5661AIPW Datasheet HTML 4Page - Texas Instruments THS5661AIPW Datasheet HTML 5Page - Texas Instruments THS5661AIPW Datasheet HTML 6Page - Texas Instruments THS5661AIPW Datasheet HTML 7Page - Texas Instruments THS5661AIPW Datasheet HTML 8Page - Texas Instruments THS5661AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
THS5661A
12-BIT, 125 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS247 – NOVEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load
(unless otherwise noted)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog output
fCLK
Maximum output update rate
DVDD = 4.5 V to 5.5 V
100
125
MSPS
fCLK
Maximum output update rate
DVDD = 3 V to 3.6 V
70
100
MSPS
ts(DAC)
Output settling time to 0.1%†
35
ns
tpd
Output propagation delay
1
ns
GE
Glitch energy‡
Worst case LSB transition (code 2047 – code 2048)
5
pV-s
tr(IOUT) Output rise time 10% to 90%†
1
ns
tf(IOUT)
Output fall time 90% to 10%†
1
ns
Output noise
IOUTFS = 20 mA
15
pA/
√HZ
Output noise
IOUTFS = 2 mA
10
pA/
√HZ
AC linearity
fCLK = 25 MSPS, fOUT = 1 MHz, TA = 25°C
–78
THD
Total harmonic distortion
fCLK = 50 MSPS, fOUT = 1 MHz, TA = –40°C to 85°C
–77
–66
dBc
THD
Total harmonic distortion
fCLK = 50 MSPS, fOUT = 2 MHz, TA = 25°C
–75
dBc
fCLK = 100 MSPS, fOUT = 2 MHz, TA = 25°C
–75
fCLK = 25 MSPS, fOUT = 1 MHz, TA = 25°C
82
fCLK = 50 MSPS, fOUT= 1 MHz, TA = –40°C to 85°C
68
fCLK = 50 MSPS, fOUT = 1 MHz, TA = 25°C
79
dBc
Spurious free dynamic range to
fCLK = 50 MSPS, fOUT = 2.51 MHz, TA = 25°C
75
dBc
Spurious free dynamic range to
Nyquist
fCLK = 50 MSPS, fOUT = 5.02 MHz, TA = 25°C
69
SFDR
Nyquist
fCLK = 50 MSPS, fOUT = 20.2 MHz, TA = 25°C
61
SFDR
fCLK = 100 MSPS, fOUT = 5.04 MHz, TA = 25°C
68
dBc
fCLK = 100 MSPS, fOUT = 20.2 MHz, TA = 25°C
59
dBc
fCLK = 100 MSPS, fOUT = 40.4 MHz, TA = 25°C
60
dBc
Spurious free dynamic range
fCLK = 50 MSPS, fOUT = 1 MHz, TA= 25°C,1 MHz span
89
Spurious free dynamic range
within a window
fCLK = 50 MSPS, fOUT = 5.02 MHz, 2 MHz span
88
dBc
within a window
fCLK = 100 MSPS, fOUT= 5.04 MHz, 4 MHz span
89
† Measured single ended into 50
Ω load at IOUT1.
‡ Single-ended output IOUT1, 50
Ω doubly terminated load.


Similar Part No. - THS5661AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661AIPWG4 TI-THS5661AIPWG4 Datasheet
940Kb / 34P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
THS5661AIPWR TI-THS5661AIPWR Datasheet
940Kb / 34P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
THS5661AIPWRG4 TI-THS5661AIPWRG4 Datasheet
940Kb / 34P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI-THS5651 Datasheet
702Kb / 28P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com