Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4012ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4012ID
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4012ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4012ID Datasheet HTML 5Page - Texas Instruments THS4012ID Datasheet HTML 6Page - Texas Instruments THS4012ID Datasheet HTML 7Page - Texas Instruments THS4012ID Datasheet HTML 8Page - Texas Instruments THS4012ID Datasheet HTML 9Page - Texas Instruments THS4012ID Datasheet HTML 10Page - Texas Instruments THS4012ID Datasheet HTML 11Page - Texas Instruments THS4012ID Datasheet HTML 12Page - Texas Instruments THS4012ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
THS4011, THS4012
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
SLOS216B – JUNE 1999 – FEBRUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
(continued)
dc performance
PARAMETER
TEST CONDITIONS†
THS4011M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Open loop gain
VCC = ±15 V,
VO = ±10 V,
RL = 1 kΩ
TA = full range
6
14
V/mV
Open loop gain
VCC = ±5 V,
VO = ±2.5 V,
RL = 1 kΩ
TA = full range
5
10
V/mV
VIO
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
2
6
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
2
8
mV
Input offset voltage drift
VCC = ±5 V or ±15 V
15
µV/°C
IIB
Input bias current
VCC = ±5Vor ±15 V
TA = 25°C
2
6
µA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
4
8
µA
IIO
Input offset current
VCC = ±5 V or ±15 V
25
250
nA
Offset current drift
VCC = ±5 V or ±15 V
TA = 25°C
0.3
nA/
°C
† Full range = –55
°C to 125°C for the M suffix.
input characteristics
PARAMETER
TEST CONDITIONS†
THS4011M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ±15 V
±13 ±14.1
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VIC = ±12 V
75
90
dB
CMRR
Common-mode rejection ratio
VCC = ±5 V,
VIC = ±2.5 V
84
95
dB
RI
Input resistance
2
M
CI
Input capacitance
1.2
pF
† Full range = –55
°C to 125°C for the M suffix.
output characteristics
PARAMETER
TEST CONDITIONS†
THS4011M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL =1kΩ
±13
±13.5
VO
Output voltage swing
VCC = ±5 V
RL = 1 kΩ
±3.4
±3.7
V
VO
Output voltage swing
VCC = ±15 V
RL = 250 Ω
±12
±13
V
VCC = ±5 V
RL = 150 Ω
±3
±3.4
IO
Output current
VCC = ±15 V
RL =20 Ω
70
115
mA
IO
Output current
VCC = ±5 V
RL = 20 Ω
50
75
mA
IOS
Short-circuit output current
VCC = ±15 V
TA = 25°C
150
mA
RO
Output resistance
Open loop
12
† Full range = –55
°C to 125°C for the M suffix.


Similar Part No. - THS4012ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4012ID TI-THS4012ID Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4012ID NSC-THS4012ID Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Texas Instruments
THS4012ID TI1-THS4012ID Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012IDG4 TI-THS4012IDG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4012IDG4 NSC-THS4012IDG4 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4012ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com