Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031CD Datasheet(HTML) 4 Page - Texas Instruments

  THS4031CD Datasheet HTML 1Page - Texas Instruments THS4031CD Datasheet HTML 2Page - Texas Instruments THS4031CD Datasheet HTML 3Page - Texas Instruments THS4031CD Datasheet HTML 4Page - Texas Instruments THS4031CD Datasheet HTML 5Page - Texas Instruments THS4031CD Datasheet HTML 6Page - Texas Instruments THS4031CD Datasheet HTML 7Page - Texas Instruments THS4031CD Datasheet HTML 8Page - Texas Instruments THS4031CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VCC and VCC
Dual supply
±4.5
±16
V
Supply voltage, VCC+ and VCC–
Single supply
9
32
V
C-suffix
0
70
Operating free-air temperature, TA
I-suffix
–40
85
°C
M-suffix
–55
125
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS403xC, THS403xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Small signal bandwidth ( 3 dB)
VCC = ±15 V
Gain = 1 or 2
100
MHz
Small-signal bandwidth (–3 dB)
VCC = ±5 V
Gain = –1 or 2
90
MHz
BW
Bandwidth for 0 1 dB flatness
VCC = ±15 V
Gain = 1 or 2
50
MHz
BW
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Gain = –1 or 2
45
MHz
Full power bandwidth§
VO(pp) = 20 V,
VCC = ±15 V
RL =1kΩ
1.6
MHz
Full power bandwidth§
VO(pp) = 5 V,
VCC = ±5 V
RL = 1 kΩ
5
MHz
SR
Slew rate‡
VCC = ±15 V,
20-V step
Gain = 1
100
V/
µs
SR
Slew rate‡
VCC = ±5 V,
5-V step
Gain = –1
80
V/
µs
Settling time to 0 1%
VCC = ±15 V,
5-V step
Gain = 1
60
ns
t
Settling time to 0.1%
VCC = ±5 V,
2.5-V step
Gain = –1
45
ns
ts
Settling time to 0 01%
VCC = ±15 V,
5-V step
Gain = 1
90
ns
Settling time to 0.01%
VCC = ±5 V,
2.5-V step
Gain = –1
80
ns
† Full range = 0
°C to 70°C for the THS403xC and –40°C to 85°C for the THS403xI.
‡ Slew rate is measured from an output level range of 25% to 75%.
§ Full power bandwidth = slew rate/2
πVO(Peak).
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS403xC, THS403xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
THS4031
RL = 150 Ω
–81
THD
Total harmonic
THS4031
VCC = ±5 V or ±15 V,
VO(pp) = 2 V,
RL = 1 kΩ
–96
dBc
THD
distortion
THS4032
CC
,
O(
)
,
f = 1 MHz,
Gain = 2
RL = 150 Ω
–72
dBc
THS4032
RL = 1 kΩ
–90
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
1.6
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
1.2
pA/
√Hz
Differential gain error
VCC = ±15 V
0.015%
Differential gain error
Gain = 2,
NTSC and PAL,
VCC = ±5 V
0.02%
Differential phase error
,
40 IRE modulation,
,
±100 IRE ramp
VCC = ±15 V
0.025
°
Differential phase error
VCC = ±5 V
0.03
°
Channel-to-channel crosstalk
(THS4032 only)
VCC = ±5 V or ±15 V,
f = 1 MHz
–61
dBc
† Full range = 0
°C to 70°C for the THS403xC and –40°C to 85°C for the THS403xI.


Similar Part No. - THS4031CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031CD TI-THS4031CD Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CD TI1-THS4031CD Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4031CDG4 TI-THS4031CDG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDG4 TI1-THS4031CDG4 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4031CDGN TI-THS4031CDGN Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4031CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com