Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4011CD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4011CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4011CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4011CD Datasheet HTML 7Page - Texas Instruments THS4011CD Datasheet HTML 8Page - Texas Instruments THS4011CD Datasheet HTML 9Page - Texas Instruments THS4011CD Datasheet HTML 10Page - Texas Instruments THS4011CD Datasheet HTML 11Page - Texas Instruments THS4011CD Datasheet HTML 12Page - Texas Instruments THS4011CD Datasheet HTML 13Page - Texas Instruments THS4011CD Datasheet HTML 14Page - Texas Instruments THS4011CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
THS4011, THS4012
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
SLOS216B – JUNE 1999 – FEBRUARY 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
1.2
1
0.8
0.6
0.4
0.2
–40
–20
0
20
40
60
TA – Free-AIR Temperature – _C
0
80
100
1.4
VCC = ±15 V
Figure 5
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
3
2.5
2
1.5
1
0
–40
–20
0
20
40
60
80
100
TA – Free-Air Temperature – _C
VCC = ±15 V or ±5 V
0.5
Figure 6
OUPUT VOLTAGE
vs
SUPPLY VOLTAGE
14
12
10
8
6
4
57
9
11
13
15
2
± VCC – Supply Voltage – V
TA = 25° C
RL = 150 Ω
RL = 1 kΩ
Figure 7
MAXIMUM OUTPUT VOLTAGE SWING
vs
FREE-AIR TEMPERATURE
12.5
12
4.5
4
3.5
2.5
–40
–20
0
20
40
60
80
100
TA – Free-Air Temperature – _C
3
13.5
13
14
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
Figure 8
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
15
13
11
9
7
5
57
9
11
13
15
3
± VCC – Supply Voltage – V
TA = 25° C
Figure 9
PSRR
vs
FREQUENCY
100
80
60
40
20
1k
10k
100k
1M
0
f – Frequency – Hz
10M
100M
VCC = ±15 V or ±5 V
90
70
50
30
10
Figure 10
CMRR
vs
FREQUENCY
120
100
80
60
40
20
1k
10k
100k
1M
0
f – Frequency – Hz
10M
100M
VCC ± 5V
VCC ± 15V
Figure 11
CROSSTALK
vs
FREQUENCY
–40
–60
100k
10M
100M
–90
f – Frequency – Hz
1M
–80
–50
–70
VI = CH1
VO = CH2
1G
VI = CH2
VO = CH1
0
–30
–20
–10
VCC ± 15V
Figure 12
OPEN-LOOP GAIN RESPONSE
80
1k
100K
1M
–20
f – Frequency – Hz
10K
0
60
20
40
100
10M
100M
1G
VCC ± 5V
VCC ± 15V


Similar Part No. - THS4011CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011CD TI-THS4011CD Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011CD NSC-THS4011CD Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Texas Instruments
THS4011CD TI1-THS4011CD Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011CDG4 TI-THS4011CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011CDG4 NSC-THS4011CDG4 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4011CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com