Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4041D Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4041D
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4041D Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4041D Datasheet HTML 5Page - Texas Instruments THS4041D Datasheet HTML 6Page - Texas Instruments THS4041D Datasheet HTML 7Page - Texas Instruments THS4041D Datasheet HTML 8Page - Texas Instruments THS4041D Datasheet HTML 9Page - Texas Instruments THS4041D Datasheet HTML 10Page - Texas Instruments THS4041D Datasheet HTML 11Page - Texas Instruments THS4041D Datasheet HTML 12Page - Texas Instruments THS4041D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 30
–40
–50
–60
–70
–100
–80
–90
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±5 V
Gain = 2
RL = 1 kΩ
VO(pp) = 2 V
Figure 31
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 150 Ω
f = 1 MHz
–40
–50
–70
–90
0
5
10
15
20
–80
–60
Figure 32
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 1 kΩ
f = 1 MHz
–50
–60
–70
–80
–100
5
010
15
20
–90
Figure 33
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
VCC = ±15 V
VCC = ±5 V
Figure 34
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
Figure 35
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
VCC = ±15 V
VCC = ±5 V
0.6
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 36
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 37
f – Frequency – Hz
1G
10M
100k
1M
100M
CLOSED-LOOP
OUTPUT IMPEDANCE
vs
FREQUENCY
100
10
1
0.1
VCC = ±5 V & ±15 V
Gain = 2
RF = 1 kΩ
Figure 38
PSRR
vs
FREQUENCY
f – Frequency – Hz
100M
10M
100k
1M
40
VCC = ±15 V & ±5 V
+VCC & –VCC Responses
50
60
70
80
30
20
10
0


Similar Part No. - THS4041D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041CD NSC-THS4041CD Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041CDG4 NSC-THS4041CDG4 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041CDGNR NSC-THS4041CDGNR Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
More results

Similar Description - THS4041D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com