Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSS-15104T9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSS-15104T9
Description  1.5 Inch Single Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-15104T9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSS-15104T9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-15104T9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-15104T9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-15104T9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-15104T9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-15104T9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
4.2(2.1)
5.6(2.8)
V
IF=20mA
Iv
-
45
-
mcd
IF=10mA
q
-
593
-
nm
IF=20mA
Od
-
590
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=10V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
A
PS-ND-0711
Dominant Wavelength
http://www.csctw.com.tw
Luminous Intensity
Matching Ratio
Model No CSS-15104T9/15105T9
Spectrum Radiation
Bandwidth
Parameter
Reverse Current
Forward Voltage Per
Segment (DP)
Luminous Intensity
Per Segment
Peak Emission
Wavelength


Similar Part No. - CSS-15104T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-15104A9 CHINASEMI-CSS-15104A9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104B7 CHINASEMI-CSS-15104B7 Datasheet
181Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104E CHINASEMI-CSS-15104E Datasheet
188Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104G CHINASEMI-CSS-15104G Datasheet
184Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104M9 CHINASEMI-CSS-15104M9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
More results

Similar Description - CSS-15104T9

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1505G PARALIGHT-A-1505G Datasheet
195Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104M9 CHINASEMI-CSS-15104M9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104V9 CHINASEMI-CSS-15104V9 Datasheet
183Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1505Y PARALIGHT-A-1505Y Datasheet
205Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
C-1505Y PARALIGHT-C-1505Y Datasheet
193Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505E PARALIGHT-A-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104B7 CHINASEMI-CSS-15104B7 Datasheet
181Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104G CHINASEMI-CSS-15104G Datasheet
184Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-1505E PARALIGHT-C-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505SR PARALIGHT-A-1505SR Datasheet
194Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com