Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3001D Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3001D
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001D Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3001D Datasheet HTML 2Page - Texas Instruments THS3001D Datasheet HTML 3Page - Texas Instruments THS3001D Datasheet HTML 4Page - Texas Instruments THS3001D Datasheet HTML 5Page - Texas Instruments THS3001D Datasheet HTML 6Page - Texas Instruments THS3001D Datasheet HTML 7Page - Texas Instruments THS3001D Datasheet HTML 8Page - Texas Instruments THS3001D Datasheet HTML 9Page - Texas Instruments THS3001D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
THS3001, THS3002
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
SLOS217A – JULY 1998 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
TA – Free-Air Temperature – °C
OUTPUT VOLTAGE SWING
vs
FREE-AIR TEMPERATURE
12
2
–20
20
14
4
0
40
100
–40
60
80
12.5
13
13.5
3.5
3
2.5
VCC = ±5 V
RL = 150 Ω
VCC = ±5 V
No Load
VCC = ±15 V
RL = 150 Ω
VCC = ±15 V
No Load
Figure 3
TA – Free-Air Temperature – °C
CURRENT SUPPLY
vs
FREE-AIR TEMPERATURE
9
7
5
3
–20
20
8
6
4
0
40
100
–40
60
80
VCC = ±5 V
VCC = ±15 V
VCC = ±10 V
Figure 4
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
–40
–20
0
20
80
100
TA – Free-Air Temperature – °C
60
40
–1
–2
–3
–0.5
–1.5
–2.5
VCC = ±5 V
VCC = ±15 V
VCC = ±5 V
VCC = ±15 V
IIB–
IIB–
IIB+
IIB+
Figure 5
TA – Free-Air Temperature – °C
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
0
–0.4
–0.8
–1.2
–20
20
–0.2
–0.6
–1
0
40
100
–40
60
80
VCC = ±5 V
VCC = ±15 V
Gain = 1
RF = 1 kΩ


Similar Part No. - THS3001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
THS3001 TI-THS3001 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3001D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
logo
Texas Instruments
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com