Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM320AC36CPT Datasheet(PDF) 8 Page - Texas Instruments

Part # TCM320AC36CPT
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC36CPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCM320AC36CPT Datasheet HTML 4Page - Texas Instruments TCM320AC36CPT Datasheet HTML 5Page - Texas Instruments TCM320AC36CPT Datasheet HTML 6Page - Texas Instruments TCM320AC36CPT Datasheet HTML 7Page - Texas Instruments TCM320AC36CPT Datasheet HTML 8Page - Texas Instruments TCM320AC36CPT Datasheet HTML 9Page - Texas Instruments TCM320AC36CPT Datasheet HTML 10Page - Texas Instruments TCM320AC36CPT Datasheet HTML 11Page - Texas Instruments TCM320AC36CPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmit idle channel noise and distortion, linear mode selected, over recommended ranges of supply
voltage and operating free-air temperature (see Notes 6 and 8)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Transmit noise, C-message weighted
MICIN connected to MICGS through a 10-k
Ω resistor
200
µVrms
MICIN to DOUT at – 6 dBm0
50
MICIN to DOUT at – 12 dBm0
48
Transmit signal-to-distortion ratio with sine-wave input
MICIN to DOUT at – 18 dBm0
40
dB
Transmit signal-to-distortion ratio with sine-wave in ut
MICIN to DOUT at – 24 dBm0
35
dB
MICIN to DOUT at – 40 dBm0
20
MICIN to DOUT at – 45 dBm0
18
NOTES:
6. The input amplifier is set for inverting unity gain.
8. Transmit noise, linear mode: 200
µVrms is equivalent to –74 dB (referenced to device 0-dB level).
receive gain and dynamic range, companded mode (
µ-law or A-law) or linear mode selected, VCC = 5 V,
TA = 25°C (unless otherwise noted) (see Notes 9 and 10)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Companded mode selected,
µ-law (’AC36)
0.736
Receive reference-signal level (0 dB) (see Note 11)
Companded mode selected, A-law (’AC37)
0.739
Vrms
Linear mode selected (’AC36 and ’AC37)
0.751
Companded mode selected,
µ-law (’AC36)
3
Overload-signal level
Companded mode selected, A-law (’AC37)
3
Vpp
Linear mode selected (’AC36 and ’AC37)
3
Absolute gain error
0-dB input signal
±1
dB
DIN to EARA and EARB at 3 dBm0 to – 36 dBm0
±0.5
Gain error with output level relative to gain at –10 dBm0
DIN to EARA and EARB at – 37 dBm0 to – 40 dBm0
±1
dB
Gain error with out ut level relative to gain at –10 dBm0
DIN to EARA and EARB at – 41 dBm0 to – 50 dBm0
±1.5
dB
DIN to EARA and EARB at – 51 dBm0 to – 55 dBm0
±2
Gain variation
VCC ±10%,
TA = 0°C to 70°C
±0.5
dB
NOTES:
9. Receive output is measured differentially in the maximum gain configuration. To set the output amplifier for maximum gain, EARGS
is connected to EARB and the output is taken between EARA and EARB. All output levels are (sin x)/x corrected.
10. Unless otherwise noted, the digital input is a word stream generated by passing a 0-dB sine wave at 1020 Hz through an ideal
encoder, where 0 dB is defined as the zero reference.
11. This reference-signal level is measured at the speaker output of the receive channel with the gain of the output speaker amplifier
set to unity.
receive filter transfer, companded mode (
µ-law or A-law) or linear mode selected, over recommended ranges
of supply voltage and operating free-air temperature, FSR = 8 kHz (see Note 9)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fDIN = < 200 Hz
0.15
fDIN = 200 Hz
– 0.5
0.15
fDIN = 300 Hz to 3 kHz
±0.15
Gain relative to gain at 1.02 kHz
DIN = 0 dBm0
fDIN = 3.3 kHz
– 0.35
0.03
dB
fDIN = 3.4 kHz
–1
– 0.18
fDIN = 4 kHz
–14
fDIN = > 4.6 kHz
–30
NOTE 9. Receive output is measured differentially in the maximum gain configuration. To set the output amplifier for maximum gain, EARGS is
connected to EARB and the output is taken between EARA and EARB. All output levels are (sin x)/x corrected.


Similar Part No. - TCM320AC36CPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC38CDW TI1-TCM320AC38CDW Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39 TI1-TCM320AC39 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39CDW TI1-TCM320AC39CDW Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39CN TI1-TCM320AC39CN Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
More results

Similar Description - TCM320AC36CPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com