Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSS-3014A9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSS-3014A9
Description  3.0 Inch Single Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-3014A9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSS-3014A9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-3014A9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-3014A9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-3014A9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-3014A9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-3014A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
12(4.0) 16.8(5.6)
V
IF=20mA
Iv
-
120
-
mcd
IF=10mA
P
-
612
-
nm
IF=20mA
e
-
606
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
$
VR=24V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
Reverse Current
Luminous Intensity
Matching Ratio
http://www.csctw.com.tw
Model No CSS-3014A9/3015A9
Spectrum Radiation
Bandwidth
Parameter
Forward Voltage Per
Segment (DP)
Luminous Intensity
Per Segment
Peak Emission
Wavelength
Dominant Wavelength
A
PS-ND-0807


Similar Part No. - CSS-3014A9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-3014E CHINASEMI-CSS-3014E Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014G CHINASEMI-CSS-3014G Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014M9 CHINASEMI-CSS-3014M9 Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014S CHINASEMI-CSS-3014S Datasheet
182Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014T9 CHINASEMI-CSS-3014T9 Datasheet
183Kb / 6P
   3.0 Inch Single Digit Display
More results

Similar Description - CSS-3014A9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-3014V9 CHINASEMI-CSS-3014V9 Datasheet
177Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014E CHINASEMI-CSS-3014E Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014G CHINASEMI-CSS-3014G Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014M9 CHINASEMI-CSS-3014M9 Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014S CHINASEMI-CSS-3014S Datasheet
182Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014T9 CHINASEMI-CSS-3014T9 Datasheet
183Kb / 6P
   3.0 Inch Single Digit Display
logo
LIGITEK electronics co....
LSD3025-6SR9UG-XX-G-PF LIGITEK-LSD3025-6SR9UG-XX-G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
LSD30065-XX-PF LIGITEK-LSD30065-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
logo
SunLED Corporation
DMR76A SUNLED-DMR76A Datasheet
214Kb / 5P
   76.2mm (3.0) SINGLE DIGIT DISPLAY
DUR76A SUNLED-DUR76A Datasheet
214Kb / 5P
   76.2mm (3.0") SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com