Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDU60-A-11 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDU60-A-11
Description  DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDU60-A-11 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDU60-A-11 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDU60-A-11 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDU60-A-11 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDU60-A-11 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-63-
H HiTRON
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
45-100 WATTS SWITCHING MODE POWER SUPPLIES
HDU45, HDU60 & HDU100 SERIES
FEATURES:
12/24/48VDC INPUT RANGE
19" COMPATIBLE EUROCARD FORMAT
EMI MEET CISPR PUB. 22 & FCC CLASS B
MEET THE SAFETY STANDARDS
CE MARKING COMPLIANCE
HDU45 3UX6HPX160MM VMEbus STANDARD
HDU60 3UX8HPX160MM VMEbus STANDARD
HDU100 3UX10HPX160MM VMEbus STANDARD
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Three ranges option.
A Range: 9-18Vdc nominal 12Vdc.
B Range: 18-36Vdc nominal 24Vdc.
C Range: 36-72Vdc nominal 48Vdc.
Input Connector: DIN 41612 at rear.
Input Current:
HDU45-A: 8.0A,HDU45-B: 4.0A,HDU45-C: 2.5A.
HDU60-A: 10.0A,HDU60-B: 5.0A,HDU60-C: 3.15A.
HDU100-A: 15.0A,HDU100-B: 6.3A,HDU100-C: 4.0A.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Power Fail Signal: Installed.
Remote (Logic) Inhibit: Installed.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 45 Watts for HDU45.
Typ. 60 Watts for HDU60.
Typ. 100 Watts for HDU100.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.4%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±2-3.0%(PR).
± 2.0%(Mag. Amp.)
Aux. VO3 typ. ±2-3.0% (PR).
Aux. VO4 typ. ±2-3.0%(PR).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1 (latch).
Adjustability: Available at main output VO1 and
Aux. Output VO2 (Mag. Amp.).
Remote Sense: Available at HDU60 & 100 single O/P.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 70.0-75.0%.
Switching Frequency: Typ. 100K Hz.
Circuit Topology: Forward circuit.
Transient Response: Typ. 3mS following a 25%
load change.
Power Density: 1.4 Watts / Cubic Inch for HDU45, HDU60.
1.9 Watts /Cubic Inch for HDU100.
Operating Temperature: 0 to +50°C at full load.
Derates linearly to +70°C at half load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Free air convection.
Construction: 6,8,10 HP(TE)x3Ux160mm 19" compatible
Eurocard VMEbus standard.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.


Similar Part No. - HDU60-A-11

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HDU60-A-11 TOTAL-POWER-HDU60-A-11 Datasheet
427Kb / 4P
   DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com