Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1050I Datasheet(PDF) 5 Page - Texas Instruments

Part # THS1050I
Description  10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1050I Datasheet(HTML) 5 Page - Texas Instruments

  THS1050I Datasheet HTML 1Page - Texas Instruments THS1050I Datasheet HTML 2Page - Texas Instruments THS1050I Datasheet HTML 3Page - Texas Instruments THS1050I Datasheet HTML 4Page - Texas Instruments THS1050I Datasheet HTML 5Page - Texas Instruments THS1050I Datasheet HTML 6Page - Texas Instruments THS1050I Datasheet HTML 7Page - Texas Instruments THS1050I Datasheet HTML 8Page - Texas Instruments THS1050I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THS1050
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS278 – APRIL 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac specifications over recommended operating free-air temperature range, AVDD = DVDD = 5 V,
DRVDD = 3.3 V, internal references, CLK = 50 MHz, analog input at –2 dBFS (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 2.2 MHz
61
SNR
Signal-to-noise ratio
fIN =15.5 MHz
58
61
dBFS
fIN =31 MHz
60.5
fIN = 2.2 MHz
60.5
SINAD
Signal-to-noise and distortion
fIN =15.5 MHz
56
60.8
dBFS
fIN =31 MHz
60.2
ENOB
Effective number of bits
fIN =15.5 MHz
9.3
9.8
bits
THD
Total harmonic distortion
fIN =15.5 MHz
–72
–63
dBc
SFDR
Spurious-free dynamic range
fIN =15.5 MHz
65
73
dBc
d
fIN = 2.2 MHz
–83
2nd Harmonic
Distortion
fIN =15.5 MHz
–89
–65
dBc
fIN = 31 MHz
–77
d
fIN = 2.2 MHz
–68
3rd Harmonic
Distortion
fIN =15.5 MHz
–73
–65
dBc
fIN = 31 MHz
–80
Two tone SFDR
F1 = 14.9 MHz,
F2 = 15.6 MHz,
Analog inputs at – 8 dBFS each
72
dBc
† All typical values are at TA = 25°C.
operating characteristics over recommended operating conditions, AVDD = DVDD = 5 V,
DRVDD = 3.3 V
switching specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Aperture delay, td(A)
120
ps
Aperture jitter
1
ps RMS
Output delay td(O)
After falling edge of CLK+
13
ns
Pipeline delay td(PIPE)
6.5
CLK
Cycle
† All typical values are at TA = 25°C.


Similar Part No. - THS1050I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
More results

Similar Description - THS1050I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1050IPHP TI-THS1050IPHP Datasheet
410Kb / 21P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
THS1060 TI1-THS1060_05 Datasheet
385Kb / 22P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com