Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM29C16AN Datasheet(PDF) 11 Page - Texas Instruments

Part # TCM29C16AN
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16AN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCM29C16AN Datasheet HTML 7Page - Texas Instruments TCM29C16AN Datasheet HTML 8Page - Texas Instruments TCM29C16AN Datasheet HTML 9Page - Texas Instruments TCM29C16AN Datasheet HTML 10Page - Texas Instruments TCM29C16AN Datasheet HTML 11Page - Texas Instruments TCM29C16AN Datasheet HTML 12Page - Texas Instruments TCM29C16AN Datasheet HTML 13Page - Texas Instruments TCM29C16AN Datasheet HTML 14Page - Texas Instruments TCM29C16AN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receive timing requirements over recommended ranges of supply voltages and operating free-air
temperature, variable-data-rate mode (see Figure 6)
MIN
MAX
UNIT
td(TSDR)
Time-slot delay time from DCLKR (see Note 9)
140
td(DCLKR)–140
ns
td(FSR)
Frame-sync delay time
100
tc(CLK)–100
ns
tsu(PCM IN)
Receive data setup time
50
ns
th(PCM IN)
Receive data hold time
60
ns
tc(DCLKR)
Data clock period
488
15620
ns
t(SER)
Time-slot end receive time
0
ns
NOTE 9: tFSLR minimum requirement overrides the td(TSDR) maximum requirement for 64-kHz operation.
64-kbit operation timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode
MIN
MAX
UNIT
tFSLX
Transmit frame-sync minimum down time
FSX = TTL high for remainder of frame
488
ns
tFSLR
Receive frame-sync minimum down time
FSX = TTL high for remainder of frame
1952
ns
tw(DCLK)
Pulse duration, data clock
10
µs
switching characteristics
delay time over recommended ranges of supply voltage and operating free-air temperature, fixed-data-rate
mode (see Figure 3 and 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
From rising edge of transmit clock to bit 1 data valid at PCM OUT (data enable
time on time-slot entry) (see Note 10)
CL = 0 to 100 pF
0
145
ns
tpd2
From rising edge of transmit clock bit n to bit n data valid at PCM OUT (data
valid time)
CL = 0 to 100 pF
0
145
ns
tpd3
From falling edge of transmit clock bit 8 to bit 8 Hi-Z at PCM OUT (data float time
on time-slot exit) (see Note 10)
CL = 0
60
215
ns
tpd4
From rising edge of transmit clock bit 1 to TSX active (low) (time-slot enable
time)
CL = 0 to 100 pF
0
145
ns
tpd5
From falling edge of transmit clock bit 8 to TSX inactive (high) (time-slot disable
time) (see Note 10)
CL = 0
60
190
ns
tpd6
From rising edge of channel time slot to SIGR update (TCM29C14A and
TCM129C14A only)
0
2
µs
NOTE 10: Timing parameters tpd1, tpd3, and tpd5 are referenced to the high-impedance state.
delay time over recommended ranges of operating conditions, variable-data-rate mode (see Note 11 and
Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd7
Delay time from DCLKX
0
100
ns
tpd8
Delay from time-slot enable to PCM OUT
CL = 0 to 100 pF
0
50
ns
tpd9
Delay from time-slot disable to PCM OUT
0
80
ns
tpd10
Delay time from FSX
td(TSDX) = 80 ns
0
140
ns
NOTE 11: Timing parameters tpd8 and tpd9 are referenced to the high-impedance state.


Similar Part No. - TCM29C16AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C16 TI-TCM29C16 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16 TI1-TCM29C16 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DW TI-TCM29C16DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DWR TI1-TCM29C16DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DWR TI-TCM29C16DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C16AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com