Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM30-24B-D12 Datasheet(PDF) 5 Page - HITRON ELECTRONICS CORPORTION

Part # HDM30-24B-D12
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM30-24B-D12 Datasheet(HTML) 5 Page - HITRON ELECTRONICS CORPORTION

  HDM30-24B-D12 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM30-24B-D12 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDM30-24B-D12 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDM30-24B-D12 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION HDM30-24B-D12 Datasheet HTML 5Page - HITRON ELECTRONICS CORPORTION HDM30-24B-D12 Datasheet HTML 6Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-31-
H HiTRON
PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES
30 WATTS TRIPLE OUTPUT HDM30-T SERIES
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Voltage Accuracy: Main O/P ±2.0% typical.
Line Regulation: Various with input voltages. ±0.5% typ.
Load Regulation: Various with output voltages.
VO1 & VO3 ±2.0% typical.
VO2 ±5.0% typical.
Noise & Ripple: 100mV for 3.3V/5.0V & 1.0% typical
for other output peak to peak.
OVP: Built-in on main output.
Adjustability: VO1 O/P may optionally be external
trimmed ±3.0% with a fixed resistors or trim-pot.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Range: Wide 4:1 & 2:1 DC input range.
See Ratings Chart.
Input Voltage: Nominal 12/24/48Vdc.
Input Current: Various with input range and load.
See Ratings Chart.
Input Fuse: Use external fuse.
Input Filter: Pi-Network.
Overvoltage Shutdown: Optional. Factory set.
Undervoltage Shutdown: 8Vdc.
Isolation Resistor: 1,000 Mega Ohms.
Isolation Voltage: 1,500Vdc.
EMI: Six-sided metal shielding.
Remote On/Off: TTL/CMOS-Compatible Input Control.
Positive Logic version for Standard set up:
ON(Enable)=Open(or 2.5-5.0Vdc above-Vin)
OFF(Disable)=Short(or 0-0.8Vdc above-Vin)
Negative Logic version option available by adding a
“N” suffix to the end of Model #.
Remark: [Voltage refer to –Input (-Vin)].
GENERAL SPECIFICATION
Efficiency: 78-81% typical, various with input &
output voltage.
Switching Frequency: Fixed frequency 100K Hz.
Circuit Topology: 100K Hz. Forward Circuit.
Transient Response: Peak deviation 200mV,
Recovery time < 3mSec. @ 25% step load change.
Case: Black coated copper with non-conductive metal base.
Power Density: 10.0 Watts. / Cubic inch.
MTBF: 1,000,000 hours Mil.Std.271, 25°C.
Operating Temperature: -10°C to +70°C range.
0°C to +60°C @ full load without derating.
From+60°C derating linearly to half load@+70°C.
(Refer to the Derating Chart).
Storage Temperature: -20 to +85°C.
Temperature Coefficient: ± 0.03% /°C.
Cooling: Convection cooling up to +60°C @ full load.
At least 100LFM moving air is recommended for full
load > +60°C in a confined area.
Humidity: Up to 95%RH, Non-condensing.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full Load to 1/2 Full Load at nominal input.
(4) Correct fuse size by calculating the max. DC current drains at low Line input & Load and then adding 20-25% for the desired fuse size.
FEATURES:
TRIPLE OUTPUT
WIDE 4:1 & 2:1 INPUT RANGE
30W ISOLATED OUTPUT
SIX-SIDED METAL SHIELD
Due to requests in market and advances in technology, specifications subject to change without notice.


Similar Part No. - HDM30-24B-D12

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224 HANTRONIX-HDM3224 Datasheet
42Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-1 HANTRONIX-HDM3224-1 Datasheet
29Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2 Datasheet
31Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2_15 Datasheet
52Kb / 2P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-5 HANTRONIX-HDM3224-5 Datasheet
26Kb / 1P
   320 X 240 Dots Graphics LED Backlight
More results

Similar Description - HDM30-24B-D12

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com