Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HES102-135075 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES102-135075
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES102-135075 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES102-135075 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES102-135075 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-43-
H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES102 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
DESKTOP IEC320-3P AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022/FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 100 Watt typical.
Output Connector & Cord: Option.
Line Regulation: 1% typical.
Load Regulation: ± 1.7% typical.
Noise & Ripple: 1.3% typical peak to peak.
OVP: Built-in, Latched circuit.
Adjustability: Factory set.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typical 120-150% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P AC receptacle.
Input Frequency: 50-60Hz.
Inrush Current: 32.5A @230Vac by adding thermistor.
Input Current: 1.6A @115Vac &
0.75A @230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 10mS @115Vac & 56mS @230Vac.
Earth Leakage: 0.45mA @230Vac.
GENERAL SPECIFICATION
Efficiency: 80% typical.
Switching Frequency: Approximate 62K Hz.
Circuit Topology: Fixed frequency Forward circuit.
Transient Response: Output voltage returns in about
1mS following a 25% load change.
Safety Standard: Meet UL60950/EN60950 Class I.
Power Density: 2.44 Watts / Cubic inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04%/°C.
Cooling: Internal fan installed.
Construction: Impact resistant thermo- plastic enclosure.
Power Factor: 0.69 @115Vac./ 0.73@230Vac.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (±%).
(3) The typical cord length is about 1 meter (3.3 ft.), AWG#18 cord for various load conditions.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.


Similar Part No. - HES102-135075

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES10-03310-A-1 HITRON-HES10-03310-A-1 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES10-03325-0-1 HITRON-HES10-03325-0-1 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES10-03420-0-3 HITRON-HES10-03420-0-3 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES10-05010-B-3 HITRON-HES10-05010-B-3 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
More results

Similar Description - HES102-135075

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
HEG42 HITRON-HEG42 Datasheet
364Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 42 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HEPG98 HITRON-HEPG98 Datasheet
249Kb / 2P
   HARMONIC CORRECTION (PFC) AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HEG75 HITRON-HEG75 Datasheet
245Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com