Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HID65-S120054 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HID65-S120054
Description  UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HID65-S120054 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HID65-S120054 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HID65-S120054 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-31-
H HiTRON
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL
SINGLE OUTPUT 65 WATTS SWITCHING MODE
POWER SUPPLIES HID65 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET UNIVERSAL SAFETY STANDARD AND
INDUSTRIAL UL 508
INDUSTRIAL POWER SUPPLIES FOR
SNAP-ON MOUNTING ON DIN-RAILS
EMI MEET CISPR PUB. 22 & FCC CLASSB
CE MARKING COMPLIANCE
In application
GENERAL SPECIFICATION
Efficiency: Typ. 79%.
Switching Frequency: Fixed frq.60K Hz.
Circuit Topology: Fixed frequency flyback circuit.
Transient Response: Peak transient typ. 93mV, recovers in
0.1mS following a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 2.0 Watt/ Cubic Inch.
Industrial Grade UL 508.
Operating Temperature: -10 to +70°C. Derating from
+60 °C to +70°C by derating 2%/°C.
Storage Temperature: -25 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Convection cooling for Ta < +60°C.
Moving air is request for Ta >+ 60°C full load operation.
Construction format: Enclosure metal box with
DIN-clips format.
MTBF Demonstrated: >380,000 hours at full load and
25°C ambient conditions.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Input Connector: M-T plug connector.
Input Frequency: 47-63Hz.
Inrush Current: 21.1A @230Vac.
Input Current: 0.96A @115Vac, 0.48A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR EN 55022 & FCC B.
No Load Operation: No damage.
Hold-up Time: 13mS @115Vac/ 53.6mS @230Vac.
Earth Leakage: Less than 0.24mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 65W continuous.
Output Connector: M-T plug connector.
Line Regulation: Typ. 0.4%.
Load Regulation: Vary with output voltage.
Typ. ±1%.
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in (Latch).
Adjustability: Available at VO1.
LED Indicator: Output indicating.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typically set at 130% max. load.
Consult the factory for special OLP setting.


Similar Part No. - HID65-S120054

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HID60 HITRON-HID60 Datasheet
256Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HID60-S120050 HITRON-HID60-S120050 Datasheet
256Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HID60-S240025 HITRON-HID60-S240025 Datasheet
256Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HID60-S480012 HITRON-HID60-S480012 Datasheet
256Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
More results

Similar Description - HID65-S120054

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HID35 HITRON-HID35 Datasheet
279Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES
HID125 HITRON-HID125 Datasheet
251Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HID60 HITRON-HID60 Datasheet
256Kb / 2P
   UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPD65 HITRON-HPD65 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPD125 HITRON-HPD125 Datasheet
282Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HPD100 HITRON-HPD100 Datasheet
272Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HVI51 HITRON-HVI51 Datasheet
313Kb / 2P
   UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com