Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HES16B-100150 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES16B-100150
Description  AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES16B-100150 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES16B-100150 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES16B-100150 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-22-
MODEL NO. DESCRIPTION: HES16B or C – XXX YYY – S
AC PLUG TYPE:
HES16B [1]WM1, [2]WM2
HES16C [3]WM3,[4]WM4,[5]WM5,
[5G]WM5G,[6]WM6,[6G]WM6G
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (HiTRON External Switcher): About 16W.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
AC INPUT
AC PLUG
VOLTAGE(Vdc)
CURRENT
FORMAT
HES16B-050300
90-132Vac
WM1/2
5.0V
3.00A
Wallmount
HES16C-050300
180-264Vac
WM3/4/5/5G/6/6G
5.0V
3.00A
Wallmount
HES16B-065250
90-132Vac
WM1/2
6.5V
2.50A
Wallmount
HES16C-065250
180-264Vac
WM3/4/5/5G/6/6G
6.5V
2.50A
Wallmount
HES16B-075200
90-132Vac
WM1/2
7.5V
2.00A
Wallmount
HES16C-075200
180-264Vac
WM3/4/5/5G/6/6G
7.5V
2.00A
Wallmount
HES16B-090200
90-132Vac
WM1/2
9.0V
2.00A
Wallmount
HES16C-090200
180-264Vac
WM3/4/5/5G/6/6G
9.0V
2.00A
Wallmount
HES16B-100150
90-132Vac
WM1/2
10.0V
1.50A
Wallmount
HES16C-100150
180-264Vac
WM3/4/5/5G/6/6G
10.0V
1.50A
Wallmount
HES16B-120150
90-132Vac
WM1/2
12.0V
1.50A
Wallmount
HES16C-120150
180-264Vac
WM3/4/5/5G/6/6G
12.0V
1.50A
Wallmount
HES16B-150120
90-164Vac
WM1/2
15.0V
1.20A
Wallmount
HES16C-150120
180-264Vac
WM3/4/5/5G/6/6G
15.0V
1.20A
Wallmount
HES16B-240075
90-132Vac
WM1/2
24.0V
0.75A
Wallmount
HES16C-240075
180-264Vac
WM3/4/5/5G/6/6G
24.0V
0.75A
Wallmount
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HES16B/C 150.0g (5.30 Oz.)
HES16C
HES16B


Similar Part No. - HES16B-100150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HES16 ETC2-HES16 Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SC-VL ETC2-HES16-2SC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SC-VLW ETC2-HES16-2SC-VLW Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SSC-VL ETC2-HES16-2SSC-VL Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
HES16-2SSC-VLW ETC2-HES16-2SSC-VLW Datasheet
371Kb / 3P
   16 and 24-Port Din-rail Unmanaged Ethernet Switches
More results

Similar Description - HES16B-100150

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
logo
Total Power Internation...
HES06B TOTAL-POWER-HES06B Datasheet
222Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE USA OR JAPAN AC PLUG SINGLE OUTPUT 6 WATTS SWITCHING POWER SUPPLIES HES06B SERIES
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HLG10 HITRON-HLG10 Datasheet
277Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE AND EUROPEAN AC PLUG SINGLE OUTPUT 5-10 WATTS LOW LEAKAGE & GREEN POWER SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com