Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDU200-C-T050MI Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDU200-C-T050MI
Description  DC-DC CONVERTER 19??COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDU200-C-T050MI Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDU200-C-T050MI Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDU200-C-T050MI Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-63-
H HiTRON
DC-DC CONVERTER 19” COMPATIBLE EUROCARD TRIPLE OUTPUT
200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES
FEATURES:
12/24/48VDC 2:1 INPUT RANGE
19" COMPATIBLE EUROCARD FORMAT
EMI MEET CISPR PUB. 22 & FCC CLASS A
MEET THE SAFETY STANDARDS
CE MARKING COMPLIANCE
6U X 12HP X 160MM VMEbus STANDARD
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Three 2:1 ranges option.
A Range: 9-18Vdc nominal 12Vdc.
B Range: 18-36Vdc nominal 24Vdc.
C Range: 36-72Vdc nominal 48Vdc.
Input Connector: 2pcs X DIN 41612 at rear.
Input Current:
@FL
@NL
HDU200-A: 23.0A
0.40A
HDU200-B: 11.3A
0.21A
HDU200-C: 5.0A
0.10A
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB. 22 & FCC Class A.
Power-on Indicator: LED at front panel.
Power OK Signal: Installed.
Remote (Logic) Inhibit: Installed.
Reflected Ripple Current: Typ. 28mV pk-pk.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 200 Watts for HDU200.
Output Connector: 2pcs X DIN 41612 at rear.
Output Indicator: LEDs installed at front panel
for all outputs.
Line Regulation: Typ. 0.2%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±2.0%. (M.A.)
Aux. VO3 typ. ±2-3.0%. (P.R.)
Noise & Ripple: Typ. 120mV peak to peak.
OVP: Built-in at main VO1 and VO2 (auto-recovery).
Adjustability: Available at main output VO1 and
Aux. output VO2 (Mag. Amp.).
Remote Sense: Available at VO1 only.
Overload Protection (OLP): Fully protected against
output overload & short circuit. Typ. 120-140%.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 71.0-73.0%
Switching Frequency: Typ. 48K Hz.
Circuit Topology: Push-pull circuit.
Transient Response: Typ. 0.5mS following a 25%
load change.
Power Density: 1.2 Watts / Cubic Inch.
Operating Temperature: 0 to +50°C at full load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Free air convection.
Construction: 12HP(TE)x6Ux160mm 19" compatible
Eurocard VMEbus standard.


Similar Part No. - HDU200-C-T050MI

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HDU200-C-T050MI TOTAL-POWER-HDU200-C-T050MI Datasheet
349Kb / 2P
   DC-DC CONVERTER 19??COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES
More results

Similar Description - HDU200-C-T050MI

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HDU200 TOTAL-POWER-HDU200 Datasheet
349Kb / 2P
   DC-DC CONVERTER 19??COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES
TPDU-200 TOTAL-POWER-TPDU-200 Datasheet
393Kb / 2P
   DC-DC CONVERTER 19??COMPATIBLE EUROCARD TRIPLE OUTPUT
logo
HITRON ELECTRONICS CORP...
HDU45 HITRON-HDU45 Datasheet
307Kb / 4P
   DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
HPU300 HITRON-HPU300 Datasheet
253Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19??COMPATIBLE EUROCARD TRIPLE OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HSU200 HITRON-HSU200 Datasheet
273Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
TPDU-100 TOTAL-POWER-TPDU-100 Datasheet
366Kb / 4P
   DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
TPDU-60 TOTAL-POWER-TPDU-60 Datasheet
366Kb / 4P
   DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
HDU45 TOTAL-POWER-HDU45 Datasheet
427Kb / 4P
   DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
logo
HITRON ELECTRONICS CORP...
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
   UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HSU160 HITRON-HSU160 Datasheet
232Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD SINGLE OUTPUT 160 WATTS SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com