Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HES18-033280-1 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES18-033280-1
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES18-033280-1 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES18-033280-1 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES18-033280-1 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-20-
MODEL NO.DESCRIPTION: HES18 - X X X YYY - S
AC PLUG TYPE:
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (HiTRON External Switcher) : About 18W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3 Vdc ≤ Any Voltage < 12.0 Vdc
3.3-5.0V/2.8-3.0A, 5.1-5.4V/2.95-2.8A, 5.5-5.9V/2.76-2.6A,
6.0-6.9V/2.56-2.3A, 7.0-7.9V/2.3-2.0A, 8.0-8.9V/2.0-1.85A,
9.0-10.0V/1.84-1.7A, 10.1-11.9V/1.7-1.52A.
12.0Vdc ≤ Any Voltage ≤ 24.0 Vdc
12.0-15.0V/1.5-1.2A, 15.1-18.0V/1.19-1.0A,
18.1-20.0V/0.99-0.90A, 20.1-22.5V/0.89-0.80A,
22.6-24.0V/ 0.79-0.75A.
Note: Refer to the upper Chart or consult factory for the exact Model No. and V/A ratings.
SINGLE OUTPUT (Model No. for example.)
MODEL NO.
AC PLUG
O/P VOLTAGE
O/P CURRENT
FORMAT
HES18-033280-1
WM1
3.3Vdc
2.80A
Wallmount
HES18-050300-3
WM3
5.0Vdc
3.00A
Wallmount
HES18-070230-5
WM5
7.0Vdc
2.30A
Wallmount
HES18-090184-6
WM6
9.0Vdc
1.84A
Wallmount
HES18-120150-7
DT7
12.0Vdc
1.50A
Desktop
HES18-150120-8
DT8
15.0Vdc
1.20A
Desktop
HES18-240075-G
PT7
24.0Vdc
0.75A
Mouse-PT
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HES18-WM 168
.0g (5.93 Oz.)
[1]WM1, [2]WM2, [3]WM3, [4]WM4,
[5]WM5, [6]WM6,[6G]WM6G
[7]DT7(IEC320 3-pin or 3L-pin),
[8]DT8(IEC320 2-pin).
[A]PT1,[B]PT2,[C]PT3,[D]PT4
[E]PT5,[F]PT6,[G]PT7,


Similar Part No. - HES18-033280-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HES18-2G ETC2-HES18-2G Datasheet
421Kb / 3P
   162G Gigabit Unmanaged Ethernet Swicthes
HES18-2G-2SC-VLW ETC2-HES18-2G-2SC-VLW Datasheet
421Kb / 3P
   162G Gigabit Unmanaged Ethernet Swicthes
HES18-2G-2SSC-VLW ETC2-HES18-2G-2SSC-VLW Datasheet
421Kb / 3P
   162G Gigabit Unmanaged Ethernet Swicthes
HES18-2G-2SST-VLW ETC2-HES18-2G-2SST-VLW Datasheet
421Kb / 3P
   162G Gigabit Unmanaged Ethernet Swicthes
HES18-2G-2ST-VLW ETC2-HES18-2G-2ST-VLW Datasheet
421Kb / 3P
   162G Gigabit Unmanaged Ethernet Swicthes
More results

Similar Description - HES18-033280-1

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES16B HITRON-HES16B Datasheet
256Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com