Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HES15-05030-00-2 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES15-05030-00-2
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES15-05030-00-2 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES15-05030-00-2 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES15-05030-00-2 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HES15-05030-00-2 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HES15-05030-00-2 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-16-
MODEL NO. DESCRIPTION: HES15 – X X X YY – N2N3 – S
SINGLE OUTPUT:[00] for No Aux. O/P.
AUX.O/P SET: [A]+5V, [B]+12V, [C]+15V,[D]+18V
[E]+24V,[F]-5V,[G]-12V,[H]-15V
[I]-18V, [J]-24V
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (HiTRON External Switcher): 15W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT V/A CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3 Vdc ≤ Any Voltage ≤ 10.0 Vdc
3.3V/3.5A, 3.4-3.6V/3.4A, 3.7-3.9V/3.3A, 4.0-4.2V/3.2A,
4.3-4.6V/3.1A, 4.7-5.0V/3.0A, 5.1V/2.9A, 5.2-5.3V/2.8A,
5.4-5.5V/2.7A, 5.6-5.7V/2.6A, 5.8-6.0V/2.5A, 6.1-6.2V/2.4A,
6.3-6.5V/2.3A, 6.6-6.8V/2.2A, 6.9-7.1V/2.1A, 7.2-7.5V/2.0A,
7.6-7.8V/1.9A, 7.9-8.3V/1.8A, 8.4-8.8V/1.7A, 8.9-9.3V/1.6A,
9.4-10.0V/1.5A.
10.0Vdc< Any Voltage ≤ 24.0 Vdc
10.1-10.7V/1.4A, 10.8-11.5V/1.3A, 11.6-12.5V/1.2A,
12.6-13.6V/1.1A, 13.7-15.0V/1.0A, 15.1-16.6V/0.9A,
16.7-18.7V/0.8A, 18.8-21.4V/0.7A, 21.5-24.0V/0.6A
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for examples.)
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE
O/P CURRENT
FORMAT
HES15-03335-00-1
90-264Vac
WM1
3.3Vdc
3.5 A
Wallmount
HES15-05030-00-2
90-264Vac
WM2
5.0Vdc
3.0 A
Wallmount
HES15-09216-00-3
90-264Vac
WM3
9.2Vdc
1.6 A
Wallmount
HES15-12112-00-4
90-264Vac
WM4
12.1Vdc
1.2 A
Wallmount
HES15-15209-00-5
90-264Vac
WM5
15.2Vdc
0.9 A
Wallmount
HES15-18508-00-6
90-264Vac
WM6
18.5Vdc
0.8 A
Wallmount
HES15-20007-00-7
90-264Vac
DT7
20.0Vdc
0.7 A
Desktop
HES15-22306-00-7
90-264Vac
DT7
22.3Vdc
0.6 A
Desktop
HES15-24006-00-7
90-264Vac
DT7
24.0Vdc
0.6 A
Desktop
DUAL OUTPUT V/A CHART
OUTPUT RAIL
OUTPUT VOLTAGE (Vdc) /CURRENT (A)
Main O/P VO1
3.3V/2.5A, 5.0V/2.0A, 5.1-5.5V/1.9-1.8A, 5.6-6.2V/1.7-1.6A,
6.3-7.1V/1.5-1.4A, 7.2-8.3V//1.3-1.2A, 8.4-10.0V/1.1-1.0A,
10.1-11.1V/0.9A, 11.2-12.5V/0.8A, 12.6-14.2V/0.7A, 14.3-15.0V/0.6A.
Aux. O/P ±VO2 †
5V/1.0A, 12V/0.4A, 15V/0.3A, 18V/0.25A, 24V/0.2A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
AC PLUG TYPE:
[1] WM1, [2] WM2, [3] WM3,
[4] WM4,[5]WM5, [6] WM6, [7]DT7


Similar Part No. - HES15-05030-00-2

ManufacturerPart #DatasheetDescription
logo
Power-One
HES150ZG-A POWER-ONE-HES150ZG-A Datasheet
1Mb / 3P
   HES SERIES 150 WATT
logo
Cornell Dubilier Electr...
HES152G450X5L CDE-HES152G450X5L Datasheet
198Kb / 2P
   Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
More results

Similar Description - HES15-05030-00-2

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
logo
HITRON ELECTRONICS CORP...
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com