Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM129C16ADW Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM129C16ADW
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM129C16ADW Datasheet(HTML) 4 Page - Texas Instruments

  TCM129C16ADW Datasheet HTML 1Page - Texas Instruments TCM129C16ADW Datasheet HTML 2Page - Texas Instruments TCM129C16ADW Datasheet HTML 3Page - Texas Instruments TCM129C16ADW Datasheet HTML 4Page - Texas Instruments TCM129C16ADW Datasheet HTML 5Page - Texas Instruments TCM129C16ADW Datasheet HTML 6Page - Texas Instruments TCM129C16ADW Datasheet HTML 7Page - Texas Instruments TCM129C16ADW Datasheet HTML 8Page - Texas Instruments TCM129C16ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NO.
NAME
TCM29C13A
TCM129C13A
TCM29C14A
TCM129C14A
TCM29C16A
TCM29C17A
TCM129C16A
TCM129C17A
I/O
DESCRIPTION
PCM IN
8
10
6
I
Receive PCM input. PCM data is clocked in on PCM IN on eight
consecutive negative transitions of the receive data clock, which is
CLKR in fixed-data-rate timing and DCLKR in variable-data-rate
timing.
PCM OUT
13
16
11
O
Transmit PCM output. PCM data is clocked out on PCM OUT on eight
consecutive positive transitions of the transmit data clock, which is
CLKX in fixed-data-rate timing and DCLKX in variable-data-rate
timing.
PDN
5
5
4
I
Power-down select. The device is inactive with a TTL low-level input
to this PDN and active with a TTL high-level input to this PDN.
PWRO +
2
2
2
O
Noninverting output of power amplifier. PWRO + drives transformer
hybrids or high-impedance loads directly in either a differential or a
single-ended configuration.
PWRO –
3
3
3
O
Inverting output of power amplifier. PWRO – is functionally identical
with and complementary to PWRO +.
SIGR
8
O
Signaling bit output, receive channel. In the fixed-data-rate mode,
SIGR outputs the logical state of the 8th bit (LSB) of the PCM word
in the most recent signaling frame.
SIGX/ASEL
15
18
I
A-law and
µ-law operation select. When connected to VBB, A-law is
selected. When connected to VCC or GND, µ-law is selected. When
not connected to VBB, it is a TTL-level input that is transmitted as the
eighth bit (LBS) of the PCM word during signaling frames on PCM
OUT (TCM29C14A and TCM129C14A only). SIGX/ASEL is
internally connected to provide
µ-law operational for TCM29C16A
and TCM129C16A and A-law operation for TCM29C17A and
TCM129C17A.
TSX/DCLKX
14
17
12
I/O
Transmit channel time-slot strobe (output) or data clock (input) for the
transmit channel. In the fixed-data-rate mode, TSX/DCLKX is an
open-drain output to be used as an enable signal for a 3-state output
buffer. In the variable-data-rate mode, DCLKX becomes the transmit
data clock, which operates at a TTL level from 64 kHz to 2.048 MHz.
VBB
1
1
1
Most negative supply voltage. Input is – 5 V
±5%.
VCC
20
24
16
Most positive supply voltage. Input is 5 V
±5%.


Similar Part No. - TCM129C16ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM129C16 TI-TCM129C16 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C16 TI1-TCM129C16 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C16DW TI-TCM129C16DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C16N TI-TCM129C16N Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM129C16ADW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com