Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM09-24B-D05 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDM09-24B-D05
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM09-24B-D05 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDM09-24B-D05 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM09-24B-D05 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-20-
INPUT/ OUTPUT & VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
INPUT CURRENT
MODEL NO.
INPUT
Vdc
N. L.
(mA)
F.L.
OUTPUT
VO1(Vdc)
OUTPUT
VO1(A)
CASE
SIZE
HDM09-12B-S03
9.0- 18.0
60
650
3.3V
1.65A
DM2B
HDM09-12B-S05
9.0- 18.0
60
930
5.0V
1.65A
DM2B
HDM09-12B-S09
9.0- 18.0
60
950
9.0V
0.95A
DM2B
HDM09-12B-S12
9.0- 18.0
60
940
12.0V
0.70A
DM2B
HDM09-12B-S15
9.0- 18.0
60
990
15.0V
0.60A
DM2B
HDM09-12B-S24
9.0- 18.0
60
1060
24.0V
0.40A
DM2B
HDM09-24B-S03
18.0- 36.0
35
325
3.3V
1.65A
DM2B
HDM09-24B-S05
18.0- 36.0
35
465
5.0V
1.65A
DM2B
HDM09-24B-S09
18.0- 36.0
35
475
9.0V
0.95A
DM2B
HDM09-24B-S12
18.0- 36.0
35
470
12.0V
0.70A
DM2B
HDM09-24B-S15
18.0- 36.0
35
495
15.0V
0.60A
DM2B
HDM09-24B-S24
18.0- 36.0
35
530
24.0V
0.40A
DM2B
HDM09-48B-S03
36.0- 72.0
20
163
3.3V
1.65A
DM2B
HDM09-48B-S05
36.0- 72.0
20
233
5.0V
1.65A
DM2B
HDM09-48B-S09
36.0- 72.0
20
238
9.0V
0.95A
DM2B
HDM09-48B-S12
36.0- 72.0
20
235
12.0V
0.70A
DM2B
HDM09-48B-S15
36.0- 72.0
20
247
15.0V
0.60A
DM2B
HDM09-48B-S24
36.0- 72.0
20
265
24.0V
0.40A
DM2B
DUAL OUTPUT
INPUT CURRENT
OUTPUT (Vdc)
OUTPUT (A)
MODEL NO.
INPUT
Vdc
N. L. (mA) F.L.
+VO1
-VO2
+VO1
-VO2
CASE
SIZE
HDM09-12B-D05
9.0- 18.0
50
960
+5.0V
-5.0V
0.85A
0.85A
DM2B
HDM09-12B-D12
9.0- 18.0
50
970
+12.0V
-12.0V
0.36A
0.36A
DM2B
HDM09-12B-D15
9.0- 18.0
50
990
+15.0V
-15.0V
0.30A
0.30A
DM2B
HDM09-24B-D05
18.0- 36.0
30
480
+5.0V
-5.0V
0.85A
0.85A
DM2B
HDM09-24B-D12
18.0- 36.0
30
485
+12.0V
-12.0V
0.36A
0.36A
DM2B
HDM09-24B-D15
18.0- 36.0
30
495
+15.0V
-15.0V
0.30A
0.30A
DM2B
HDM09-48B-D05
36.0- 72.0
20
240
+5.0V
-5.0V
0.85A
0.85A
DM2B
HDM09-48B-D12
36.0- 72.0
20
243
+12.0V
-12.0V
0.36A
0.36A
DM2B
HDM09-48B-D15
36.0- 72.0
20
248
+15.0V
-15.0V
0.30A
0.30A
DM2B
Symbols: "★" OVP built-in.
"
" Double Feedback.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 62.5g (2.2 Oz.)
DERATING CHART
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN #1 -INPUT
-INPUT
PIN #2 + INPUT
+ INPUT
PIN #3 DC-COM
-VO2
PIN #4 PO PIN
DC-COM
PIN #5 VO1
+ VO1
CASE SIZE: DM2B


Similar Part No. - HDM09-24B-D05

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM07-12D-D03 HITRON-HDM07-12D-D03 Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM07-12D-D05 HITRON-HDM07-12D-D05 Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM07-12D-D09 HITRON-HDM07-12D-D09 Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM07-12D-D12 HITRON-HDM07-12D-D12 Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM07-12D-D15 HITRON-HDM07-12D-D15 Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDM09-24B-D05

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HDM07-S HITRON-HDM07-S Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com