Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM30-24B-S15 Datasheet(PDF) 6 Page - HITRON ELECTRONICS CORPORTION

Part # HDM30-24B-S15
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM30-24B-S15 Datasheet(HTML) 6 Page - HITRON ELECTRONICS CORPORTION

  HDM30-24B-S15 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM30-24B-S15 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HDM30-24B-S15 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HDM30-24B-S15 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION HDM30-24B-S15 Datasheet HTML 5Page - HITRON ELECTRONICS CORPORTION HDM30-24B-S15 Datasheet HTML 6Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
-32-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
TRIPLE OUTPUT
INPUT CURRENT
OUTPUT (Vdc)
OUTPUT (A)
MODEL NO.
INPUT
Vdc
N.L. (mA) F.L. +VO1★@
+VO2†
-VO3‖
+VO1 +VO2 -VO3
CASE
SIZE
HDM30-12B-T5/12
9.0- 18.0
50
2,550
+5.0V
+12.0V
-12.0V
2.5A
0.5A
0.5A DM2A
HDM30-12B-T5/15
9.0- 18.0
50
2,550
+5.0V
+15.0V
-15.0V
2.5A
0.4A
0.4A DM2A
HDM30-12B-T5/+12,-5
9.0- 18.0
50
2,500
+5.0V
+12.0V
- 5.0V
2.5A
0.5A
1.0A DM2A
HDM30-24B-T5/12
18.0- 36.0
40
1,520
+5.0V
+12.0V
-12.0V
3.0A
0.6A
0.6A DM2A
HDM30-24B-T5/15
18.0- 36.0
40
1,550
+5.0V
+15.0V
-15.0V
3.0A
0.5A
0.5A DM2A
HDM30-24B-T5/+12,-5
18.0- 36.0
40
1,420
+5.0V
+12.0V
- 5.0V
3.0A
0.6A
1.0A DM2A
HDM30-48B-T5/12
36.0- 72.0
40
760
+5.0V
+12.0V
-12.0V
3.0A
0.6A
0.6A DM2A
HDM30-48B-T5/15
36.0- 72.0
40
775
+5.0V
+15.0V
-15.0V
3.0A
0.5A
0.5A DM2A
HDM30-48B-T5/+12,-5
36.0- 72.0
40
710
+5.0V
+12.0V
- 5.0V
3.0A
0.6A
1.0A DM2A
HDM30-24D-T5/12
9.0- 36.0
60
1,325
+5.0V
+12.0V
-12.0V
2.5A
0.5A
0.5A DM2A
HDM30-24D-T5/15
9.0- 36.0
60
1,325
+5.0V
+15.0V
-15.0V
2.5A
0.4A
0.4A DM2A
HDM30-24D-T5/+12,-5
9.0- 36.0
60
1,300
+5.0V
+12.0V
- 5.0V
2.5A
0.5A
1.0A DM2A
HDM30-48D-T5/12
20.0- 72.0
50
785
+5.0V
+12.0V
-12.0V
3.0A
0.6A
0.6A DM2A
HDM30-48D-T5/15
20.0- 72.0
50
800
+5.0V
+15.0V
-15.0V
3.0A
0.5A
0.5A DM2A
HDM30-48D-T5/+12,-5
20.0- 72.0
50
735
+5.0V
+12.0V
- 5.0V
3.0A
0.6A
1.0A DM2A
Symbols: "★" OVP built-in.
"@" Adjustable.
"‖" Double Feedback.
"†" Stacked on main O/P.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 156.0g (5.6 Oz.)
PIN ASSIGNMENT
PIN NO. TRIPLE
PIN# 1. Remote ON/OFF
PIN# 2. +INPUT
PIN# 3. - INPUT/-Vin
PIN# 4. NO PIN
PIN# 5. +VO2
PIN# 6. DC-COM
PIN# 7. -VO3
PIN# 8. + VO1
PIN# 9. NO PIN
PIN# 10. OUTPUT TRIM
DERATING CHART
CASE SIZE: DM2A


Similar Part No. - HDM30-24B-S15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM3224 HANTRONIX-HDM3224 Datasheet
42Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-1 HANTRONIX-HDM3224-1 Datasheet
29Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2 Datasheet
31Kb / 1P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-2 HANTRONIX-HDM3224-2_15 Datasheet
52Kb / 2P
   320 X 240 Dots Graphic CCFL Backlight
HDM3224-5 HANTRONIX-HDM3224-5 Datasheet
26Kb / 1P
   320 X 240 Dots Graphics LED Backlight
More results

Similar Description - HDM30-24B-S15

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM08-S HITRON-HDM08-S Datasheet
200Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com