Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM08-24D-S24 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDM08-24D-S24
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDM08-24D-S24 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDM08-24D-S24 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDM08-24D-S24 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-18-
INPUT/OUTPUT & VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
INPUT CURRENT
MODEL NO.
INPUT
Vdc
N. L. (mA) F.L.
OUTPUT
VO1(Vdc)★
OUTPUT
VO1(A)
CASE
SIZE
HDM08-24B-S03
18.0- 36.0
46
290
3.3V
1.50A
DM2C
HDM08-24B-S05
18.0- 36.0
46
393
5.0V
1.50A
DM2C
HDM08-24B-S09
18.0- 36.0
46
420
9.0V
0.90A
DM2C
HDM08-24B-S12
18.0- 36.0
46
415
12.0V
0.67A
DM2C
HDM08-24B-S15
18.0- 36.0
46
425
15.0V
0.55A
DM2C
HDM08-24B-S24
18.0- 36.0
46
430
24.0V
0.35A
DM2C
HDM08-24D-S03
9.0- 36.0
50
290
3.3V
1.50A
DM2C
HDM08-24D-S05
9.0- 36.0
50
393
5.0V
1.50A
DM2C
HDM08-24D-S09
9.0- 36.0
50
420
9.0V
0.90A
DM2C
HDM08-24D-S12
9.0- 36.0
50
415
12.0V
0.67A
DM2C
HDM08-24D-S15
9.0- 36.0
50
425
15.0V
0.55A
DM2C
HDM08-24D-S24
9.0- 36.0
50
430
24.0V
0.35A
DM2C
HDM08-48D-S03
20.0- 72.0
46
145
3.3V
1.50A
DM2C
HDM08-48D-S05
20.0- 72.0
46
196
5.0V
1.50A
DM2C
HDM08-48D-S09
20.0- 72.0
46
210
9.0V
0.90A
DM2C
HDM08-48D-S12
20.0- 72.0
46
207
12.0V
0.67A
DM2C
HDM08-48D-S15
20.0- 72.0
46
212
15.0V
0.55A
DM2C
HDM08-48D-S24
20.0- 72.0
46
215
24.0V
0.35A
DM2C
DUAL OUTPUT
INPUT CURRENT
OUTPUT (Vdc)
OUTPUT (A)
MODEL NO.
INPUT
Vdc
N. L. (mA) F.L.
+VO1★
-VO2
+VO1
-VO2
CASE
SIZE
HDM08-24B-D03
18.0- 36.0
46
300
+3.3V
-3.3V
0.80A
0.80A
DM2C
HDM08-24B-D05
18.0- 36.0
46
420
+ 5.0V
-5.0V
0.80A
0.80A
DM2C
HDM08-24B-D12
18.0- 36.0
46
420
+12.0V
-12.0V
0.34A
0.34A
DM2C
HDM08-24B-D15
18.0- 36.0
46
420
+15.0V
-15.0V
0.27A
0.27A
DM2C
HDM08-24D-D03
9.0- 36.0
50
300
+3.3V
-3.3V
0.80A
0.80A
DM2C
HDM08-24D-D05
9.0- 36.0
50
420
+ 5.0V
-5.0V
0.80A
0.80A
DM2C
HDM08-24D-D12
9.0- 36.0
50
420
+12.0V
-12.0V
0.34A
0.34A
DM2C
HDM08-24D-D15
9.0- 36.0
50
420
+15.0V
-15.0V
0.27A
0.27A
DM2C
HDM08-48D-D03
20.0- 72.0
46
150
+3.3V
-3.3V
0.80A
0.80A
DM2C
HDM08-48D-D05
20.0- 72.0
46
210
+ 5.0V
-5.0V
0.80A
0.80A
DM2C
HDM08-48D-D12
20.0- 72.0
46
210
+12.0V
-12.0V
0.34A
0.34A
DM2C
HDM08-48D-D15
20.0- 72.0
46
210
+15.0V
-15.0V
0.27A
0.27A
DM2C
Symbols: "★" OVP built-in.
"
" Double Feedback.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 27.5g (0.95 Oz.)
DERATING CHART
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN# 1. -INPUT
-INPUT
PIN# 2. +INPUT
+INPUT
PIN# 3. DC-COM
-VO2
PIN# 4. NO PIN
DC-COM
PIN# 5. +VO1
+VO1
CASE SIZE: DM2C


Similar Part No. - HDM08-24D-S24

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM08111H-1 HANTRONIX-HDM08111H-1 Datasheet
25Kb / 1P
   8 Character x 1 Line
HDM08111H-L HANTRONIX-HDM08111H-L Datasheet
39Kb / 1P
   8 Character x 1 Line Large Character
HDM08216H-1 HANTRONIX-HDM08216H-1 Datasheet
30Kb / 1P
   8 Character x 2 Lines, One Row Connector
HDM08216H-2 HANTRONIX-HDM08216H-2 Datasheet
36Kb / 1P
   8 Character x 2 Lines, 2 Row Connector
HDM08216H-3 HANTRONIX-HDM08216H-3 Datasheet
28Kb / 1P
   8 Character x 2 Lines, 2 Row Connector
More results

Similar Description - HDM08-24D-S24

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDM09-S HITRON-HDM09-S Datasheet
212Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 9 WATTS SINGLE & DUAL OUTPUT
HDM30-S HITRON-HDM30-S Datasheet
691Kb / 6P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM25-D HITRON-HDM25-D Datasheet
290Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 25 WATTS DUAL OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
HDM07-S HITRON-HDM07-S Datasheet
138Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com