Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTRJG29D4GD1003A Datasheet(PDF) 7 Page - Central Technologies

Part # CTRJG29D4GD1003A
Description  Integrated RJ45 Magnetic Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG29D4GD1003A Datasheet(HTML) 7 Page - Central Technologies

Back Button CTRJG29D4GD1003A Datasheet HTML 3Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 4Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 5Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 6Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 7Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 8Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 9Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 10Page - Central Technologies CTRJG29D4GD1003A Datasheet HTML 11Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
MECHANICAL
16.40
J1
J8
25.80
(6.50)
3.05
10.80
6.35
EMI Fingers
Right LED
Left LED
0.50x0.50
0.35x0.40
17.16
11.43
15.74
10.92
5.84
2.54
2.54
2.54
1.27
Ø1.02 x4
Ø0.89 x10
Ø1.63 x2
Ø3.18 x2
P1
P2
P10
P9
P13
P11
P14
P12
Suggested PCB Pad Layout
Component Side View
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
13.72
CTRJG Series
CTRJG26S1xxxxxxx


Similar Part No. - CTRJG29D4GD1003A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1026 CT-CTRJGU27S1GU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1033 CT-CTRJGU27S1GU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1026 CT-CTRJGU27S1NU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1033 CT-CTRJGU27S1NU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJG29D4GD1003A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJM CT-CTRJM Datasheet
907Kb / 10P
   Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
Abracon Corporation
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
   GIGABIT RJ45 LAN MAGNETIC
logo
Yuan Dean Scientific., ...
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
   RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
   RJ45 Integrated Jack
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
   RJ45 Integrated Jack
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com