Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDH100-24B-S050250 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDH100-24B-S050250
Description  ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDH100-24B-S050250 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDH100-24B-S050250 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDH100-24B-S050250 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-37-
H HiTRON
ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE
POWER MODULES INDUSTRIAL GRADE 100-150 WATTS
SINGLE & DUAL OUTPUT HDH100-24B OR 48B-S & D SERIES
FEATURES:
SINGLE & DAUL OUTPUT
WIDE 2:1 INPUT RANGE
1500VDC ISOLATION
STANDARD HALF-BRICK PACKAGE
HIGH-EFFICIENCY POWER MODULE
UNDER-VOLTAGE LOCKOUT
DESIGNED TO MEET INTERNATIONAL
SAFETY STANDARDS
GENERAL SPECIFICATION
Efficiency: 83.8-87% typical, various with input.
Switching Frequency: Fixed frequency 330K Hz.
Circuit Topology: Forward Circuit.
Transient Response: Peak deviation <220mV and recovers
within 1mS after 25% load-change.
Safety Standard: IEC60950 Class I.
Case: Aluminum base plate with metal standoffs.
Power Density: 36.0 Watts / Cubic inch.
Industrial Grade.
Operating Temperature: -40 to +100°C (base plate).
Power derating details; please refer to the Derating Chart.
Storage Temperature: -55 to +125 °C.
Temperature Coefficient: ± 0.02%/°C.
Humidity: Up to 95% RH, Non-Condensing.
Cooling: At least 100LFM moving air is recommended for
full load > 0°C in a confined area. Air flow vs. power
derating details please refer to the Derating Chart.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise spec.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full-Load (F-L) to Half-Load(H-L)at nominal input.
(4) Correct fuse size by calculating the max. DC current drain at low Line input & adding 20-25% for desired fuse size.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 100-150W typical continuous.
Line Regulation: Various with input & output voltages.
± 0.1% typical.
Load Regulation: Various with output voltages.
Single O/P: ±1.0% typical.
Dual O/P: ±1.0% typical.
Noise & Ripple: Typical 120mV, peak to peak. 1% rms.
OVP: Built-in.
Adjustability: Maybe external trimmed with fixed resistor or
trimpot.
Overload Protection (OLP):
Fully protected against overload and short circuit.
OLP set at typical 130% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Range: Wide 2:1 Input DC Range 18-36Vdc.
or 36-72Vdc
Input Voltage: Nominal 24Vdc.or 48Vdc.
Input Current: Typical 6.85A full load and 0.06A no-load
@ 24Vdc nominal input.
Typical 2.65A full load and 0.03A no-load
@ 48Vdc nominal input.
Input Fuse: Use external fuse.
Inrush Current: 8A @ 24Vdc/4A @ 48Vdc
Input Filter: Pi-Network for EMI suppression.
Under-Voltage Protection (UVP): Lock-out activated at
17.8 Vdc input @ 24Vdc nominal input.
34-35.5Vdc@ 48Vdc nominal input
Input Reflected Ripple Current: 28.4mA pk-pk @24 Vdc.
Isolation Voltage: 1,500Vdc input-output.
Remote On/Off: TTL/CMOS-Compatible input control.
Positive Logic version for Standard set up:
ON(Enable)=Open(or 2.5-5.0Vdc above-Vin)
OFF(Disable)=Short(or 0-0.8Vdc above-Vin)
Negative Logic version option available by adding a
“N” suffix to the end of Model #.
Remark :Logic input voltage reference to -Vin.
Due to requests in market and advances in technology, specifications subject to change without notice.


Similar Part No. - HDH100-24B-S050250

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH165-24B HITRON-HDH165-24B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D025B HITRON-HDH165-24B-D025B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D033B HITRON-HDH165-24B-D033B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D033C HITRON-HDH165-24B-D033C Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH165-24B-D050C HITRON-HDH165-24B-D050C Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDH100-24B-S050250

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH165-24B HITRON-HDH165-24B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH80-24B HITRON-HDH80-24B Datasheet
431Kb / 2P
   ON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT
HDH40-24D HITRON-HDH40-24D Datasheet
404Kb / 2P
   ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
logo
List of Unclassifed Man...
APS100DH ETC1-APS100DH Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
HITRON ELECTRONICS CORP...
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com