Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDH80-24B Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDH80-24B
Description  ON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDH80-24B Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDH80-24B Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDH80-24B Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
02/16/2004
SINGLE OUTPUT
INPUT Vdc
OUTPUT VO1 ★#※
MODEL NO.
Range
Nominal
TYP.
VOLT.
MAX.
PEAK
HDH80-48B-S018250
36-72Vdc
48Vdc
25A
1.8Vdc
27.0A
30.0A
HDH80-48B-S025250
36-72Vdc
48Vdc
25A
2.5Vdc
27.0A
30.0A
HDH80-48B-S033220
36-72Vdc
48Vdc
22A
3.3Vdc
25.0A
27.0A
HDH80-48B-S050200
36-72Vdc
48Vdc
20A
5.0Vdc
22.0A
25.0A
HDH80-48B-S150060
36-72Vdc
48Vdc
6A
15.0Vdc
6.1A
6.2.0A
HDH80-24B-S018250
18-36Vdc
24Vdc
25A
1.8Vdc
27.0A
30.0A
HDH80-24B-S025250
18-36Vdc
24Vdc
25A
2.5Vdc
27.0A
30.0A
HDH80-24B-S033220
18-36Vdc
24Vdc
22A
3.3Vdc
25.0A
27.0A
HDH80-24B-S050200
18-36Vdc
24Vdc
20A
5.0Vdc
22.0A
25.0A
HDH80-24B-S150060
18-36Vdc
24Vdc
6A
15.0Vdc
6.1A
6.2.0A
Symbols: "★" OVP built-in.
"#" Remote sensing.
"※" Synchronous Rectifier.
Remarks: Peak output, less than 60Sec. With duty cycle <10%.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 40.0g (1.4 Oz.)
PIN ASSIGNMENT
PIN NO. SINGLE
PIN #1. INPUT
PIN #2. REMOTE ON/OFF
PIN #3. +48V RETURN
PIN #4. COMMON
PIN #5. -SENSE
PIN #6. VO1 ADJ.
PIN #7. +SENSE
PIN #8. +VO1
DERATING CHART
-36-


Similar Part No. - HDH80-24B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH HIROSE-HDH Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
HDH-00803GHD HIROSE-HDH-00803GHD Datasheet
853Kb / 8P
   Couplers with Connectors (H Type)
HDH-00803GHD HIROSE-HDH-00803GHD Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
HDH-00810GID HIROSE-HDH-00810GID Datasheet
853Kb / 8P
   Couplers with Connectors (H Type)
HDH-00820GID HIROSE-HDH-00820GID Datasheet
853Kb / 8P
   Couplers with Connectors (H Type)
More results

Similar Description - HDH80-24B

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH165-24B HITRON-HDH165-24B Datasheet
359Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
HDH100-24B HITRON-HDH100-24B Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
HDH40-24D HITRON-HDH40-24D Datasheet
404Kb / 2P
   ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
HITRON ELECTRONICS CORP...
HDM11-S HITRON-HDM11-S Datasheet
285Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
HDM17-S HITRON-HDM17-S Datasheet
262Kb / 2P
   PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 17 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com