Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAM16D-120068 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HAM16D-120068
Description  ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAM16D-120068 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HAM16D-120068 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAM16D-120068 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-7-
H HiTRON
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR
POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAM16S & HAM16D SERIES
FEATURES:
ON-BOARD AC/DC MODULAR
POWER SUPPLIES
UNIVERSAL AC INPUT RANGE
COMPACT IN SIZE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB.22/ FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac.
Input Frequency: 47-63 Hz. (50/60 Hz. Nom.).
Input Current: 0.33A @115Vac/0.16A @230Vac typical.
Inrush Current: 32.5A typical peak @ 230Vac.
Input Fuse: Use external fuse. 1.0A/250Vac. for the
primary fuse is suggested.
Dielectric Withstand: Meet IEC950.
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB.22 / FCC Class B.
Hold-up time: 20mS @115Vac, 120mS @230Vac typical.
Earth Leakage: Less than 3.5mA @230Vac typical.
Remote On/Off: TTL/CMOS-Compatible Output Control.
Positive Logic version for Standard set up:
ON(Enable)=Open(or 2.5-5.0Vdc above Com)
OFF(Disable)=Short(or 0-0.8Vdc above Com)
Negative Logic version option available by adding a
“N”suffix to the end of Model #.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 12-17 Watts typical.
Output Indicator: LED.
Line Regulation: Various with output voltage.
HAM16S ±0.1% typical.
HAM16D ±0.5% typical.
Load Regulation: Various with output voltage.
HAM16S ±1.0% typical.
HAM16D ±2.0-4.0% typical.
Noise & ripple: 1.0% typical peak to peak.
OVP: Built-in on main output.
Adjustability: From -10% of main output till OVP.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: 70-82% typical. (Various with output voltage).
Switching Frequency: 83K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Typical peak deviation 250mV,
Recovery time < 3mS for a 25% load change.
Case: Impact resistant thermo-plastic enclosure.
Power Density: 3.10Watts. / Cubic inch.
Safety Standard: EN60950/ UL1950 Class I.
MTBF: 110,000 hours. Mil Std 217, 25°C.
Operating Temperature: -10 to +70°C range.
-10°C to +50°C full load without derating.
From +50°C, derating linearly to half load @+70°C.
(Refer to Derating Chart.)
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: 0.02% /°C.
Humidity: Up to 95%RH, Non-condensing.
Cooling: Convection cooling for +50°C @ full load.
At least 100LFM moving air is recommended
for full load >+50°C in a confined area.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
Due to requests in market and advances in technology, specifications subject to change without notice.


Similar Part No. - HAM16D-120068

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM16T-3/05 HITRON-HAM16T-3/05 Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM16T-3/12 HITRON-HAM16T-3/12 Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM16T-3/15 HITRON-HAM16T-3/15 Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAM16T-3/24 HITRON-HAM16T-3/24 Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
More results

Similar Description - HAM16D-120068

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
HITRON ELECTRONICS CORP...
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
logo
Total Power Internation...
TPAM50S TOTAL-POWER-TPAM50S_17 Datasheet
278Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE
logo
HITRON ELECTRONICS CORP...
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com