Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAS50-D033E Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HAS50-D033E
Description  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAS50-D033E Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HAS50-D033E Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAS50-D033E Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-15-
H HiTRON
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED
MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
HAS50-D & HAS50-T SERIES
FEATURES:
CHASSIS-MOUNT AC/DC MODULAR
POWER SUPPLIES
UNIVERSAL AC INPUT RANGE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEETS CISPR PUB.22/FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 50 Watts typical.
Line Regulation: Various with output voltage.
±0.1-0.5% typical.
Load Regulation: Various with output voltage.
Main VO1 ± 1-2% typical.
Aux.VO2 ± 3-5% typical. (stacked on)
Aux.VO3 ± 2-3% typical. (P.R.)
Noise & ripple: 1.0% typical peak to peak.
OVP: Built-in on main output VO1.
Adjustability: Available at main output VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typical 125-150% of rating output load.
Con2sult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Nominal: 115/230Vac.
Input Frequency: 47-63 Hz. (Nominal 50/60Hz.).
Input Current: 0.76A @115Vac./0.39A @230Vac typical.
Inrush Current: 4.8A(rms) or 34A(peak)@230Vac typical.
Input Fuse: Use internal fuse.
Dielectric Withstand: Meet IEC60950.
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB. 22/FCC Class B.
Hold-up time: 18 mS @115Vac, 82mS @230Vac typical.
Earth Leakage: Less than 0.46mA @230Vac.
Remote ON/OFF:
ON(Enable)=Open.
OFF(Disable)=Short.
GENERAL SPECIFICATION
Efficiency: 78-83% typical various with output voltage.
Switching Frequency: 68K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Peak deviation on 200-220mV,
Recovery time <3mSec.@ 25%step load change.
Case: Impact resistant thermo-plastic enclosure.
Safety Standard: EN60950/ UL1950 Class I or Class II.
Power Density: 3.6 Watts. / Cubic inch.
MTBF: 110,000Hrs. Mil Std 217, 25°C.
Operating Temperature: -10°C to +75°C range.
–10°C to +50°C @ full load without derating.
From+50°C derating linearly to half load @+75°C
(Refer to the Derating Chart).
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: ±0.03% /°C.
Cooling: Convection cooling for +50°C @ full load.
At least 100LFM moving air is recommended
for full load >+50°C in a confined area.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
Due to requests in market and advances in technology, specifications subject to change without notice.
In application


Similar Part No. - HAS50-D033E

ManufacturerPart #DatasheetDescription
logo
LEM
HAS50-P LEM-HAS50-P Datasheet
132Kb / 2P
   Current Transducers HAS 50~600-P
HAS50-P LEM-HAS50-P Datasheet
808Kb / 2P
   Current Transducers
HAS50-P LEM-HAS50-P_06 Datasheet
808Kb / 2P
   Current Transducers
HAS50-P LEM-HAS50-P_12 Datasheet
225Kb / 3P
   Current Transducer
HAS50-S LEM-HAS50-S Datasheet
48Kb / 2P
   Current Transducers HAS 50 to 600-S
More results

Similar Description - HAS50-D033E

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
HITRON ELECTRONICS CORP...
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAS10G-S HITRON-HAS10G-S Datasheet
185Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HASM10G-S HITRON-HASM10G-S Datasheet
184Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT MEDICAL APPLICATION AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
logo
Total Power Internation...
TPAM50S TOTAL-POWER-TPAM50S_17 Datasheet
278Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE
logo
HITRON ELECTRONICS CORP...
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com