Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM37C14ADW Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM37C14ADW
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM37C14ADW Datasheet(HTML) 2 Page - Texas Instruments

  TCM37C14ADW Datasheet HTML 1Page - Texas Instruments TCM37C14ADW Datasheet HTML 2Page - Texas Instruments TCM37C14ADW Datasheet HTML 3Page - Texas Instruments TCM37C14ADW Datasheet HTML 4Page - Texas Instruments TCM37C14ADW Datasheet HTML 5Page - Texas Instruments TCM37C14ADW Datasheet HTML 6Page - Texas Instruments TCM37C14ADW Datasheet HTML 7Page - Texas Instruments TCM37C14ADW Datasheet HTML 8Page - Texas Instruments TCM37C14ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
20 PIN
24 PIN
TA
SMALL OUTLINE
(DW)
PLASTIC DIP
(N)
SMALL OUTLINE
(DW)
–40
°C to 85°C
TCM37C15AIDW
TCM37C15AIN
TCM37C14AIDW
functional block diagram
Transmit
Third-Order
Antialias
Low-Pass
Filter
(Analog)
Transmit
Sixth-Order
Low-Pass
Filter
(Switched Cap)
Fc = 3400 Hz
Transmit
Third-Order
High-Pass
Filter
(Switched Cap)
Fc = 200 Hz
Sample
and Hold
ADC
Output
Register
Auto Zero
Analog to
Digital Control
Logic
Reference
Digital-to-
Analog
Converter
Control
Logic
Digital-to-
Analog Control
Logic
Control Section
Receive Section
Input
Register
Buffer
Filter
Gain
Set
Gain
Set
Transmit Section
PCMOUT
TSX†
FSX
MCLK
CLKSEL†
ASEL†
GS0
GS1
PCMIN
FSR
AGND
DGND
VBB
VCC
TS1
TS2
ANLGIN
GSX
RIN
GSR
RS1
RS2
PWRO +
PWRO –†
† TCM37C14A only
24
1
13
19
12
17
18
16
14
10
9
8
11
22
21
20
23
4
7
5
6
2
3
NOTE A: Terminal numbers shown are for the TCM37C14A.
15


Similar Part No. - TCM37C14ADW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM37C14ADW

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com