Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM38C17IDL Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM38C17IDL
Description  QComboE FOUR-CHANNEL QUAD PCM COMBO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM38C17IDL Datasheet(HTML) 4 Page - Texas Instruments

  TCM38C17IDL Datasheet HTML 1Page - Texas Instruments TCM38C17IDL Datasheet HTML 2Page - Texas Instruments TCM38C17IDL Datasheet HTML 3Page - Texas Instruments TCM38C17IDL Datasheet HTML 4Page - Texas Instruments TCM38C17IDL Datasheet HTML 5Page - Texas Instruments TCM38C17IDL Datasheet HTML 6Page - Texas Instruments TCM38C17IDL Datasheet HTML 7Page - Texas Instruments TCM38C17IDL Datasheet HTML 8Page - Texas Instruments TCM38C17IDL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TCM38C17IDL
QCombo
™ FOUR-CHANNEL (QUAD) PCM COMBO
SLWS040C – JUNE 1996 – REVISED OCTOBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3PDN
33
I
Power-down select for channel 3. This channel of the device is inactive with a CMOS low-level input to 3PDN
and active with a CMOS high-level input to the terminal (digital).
0PWRO+
7
O
Noninverting output of channel 0 power amplifier. 0PWRO+can drive a 600
Ω || 100 pF load differentially
(analog).
0PWRO –
9
O
Inverting output of channel 0 power amplifier. 0PWRO – can drive a 600
Ω || 100 pF load differentially (analog).
1PWRO+
13
O
Noninverting output of channel 1 power amplifier. 1PWRO+ can drive a 600
Ω || 100 pF load differentially
(analog).
1PWRO –
15
O
Inverting output of channel 1 power amplifier. 1PWRO – can drive a 600
Ω || 100 pF load differentially (analog).
2PWRO+
42
O
Noninverting output of channel 2 power amplifier. 2PWRO+ can drive a 600
Ω || 100 pF load differentially
(analog).
2PWRO –
40
O
Inverting output of channel 2 power amplifier. 2PWRO – can drive a 600
Ω || 100 pF load differentially (analog).
3PWRO+
36
O
Noninverting output of channel 3 power amplifier. 3PWRO+ can drive a 600
Ω || 100 pF load differentially
(analog).
3PWRO –
34
O
Inverting output of channel 3 power amplifier, 3PWRO – can drive a 600
Ω || 100 pF load differentially (analog).
RBIAS
1
Bias current setting resistor. A 100 k
Ω, ± 5% resistor should be connected between terminals RBIAS and AVSS
to set the bias current of the device.
REFLTR1
48
Voltage reference. A 1-
µF external decoupling capacitor should be connected from REFLTR1 to AVSS for
filtering purposes.
REFLTR2
47
Voltage reference. A 1-
µF external decoupling capacitor should be connected from REFLTR2 to AVSS for
filtering purposes.
RESET
26
I
Reset. Reset for all internal registers is initiated when RESET is brought high (digital).
VSS
18
Substrate bias. VSS should be externally connected to AVSS.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital ground voltage range, VO
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to AVSS.
recommended operating conditions (see Notes 2 and 3)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
V
High-level input voltage, VIH
0.8
× VDD
V
Low-level input voltage, VIL
0.2
× VDD
V
Load resistance between PWRO+ and PWRO – (differential), RL
600
Load capacitance between PWRO+ and PWRO – (differential), CL
100
pF
Operating free-air temperature, TA
–40
85
°C
NOTES:
2. To avoid possible damage to these CMOS devices and resulting reliability problems, the power-up procedure described in the device
power-up sequence paragraphs later in this document should be followed.
3. Voltages at analog inputs, outputs and the AVDD terminal are with respect to the AREF terminal. All other voltages are referenced
to the DVSS terminal unless otherwise noted.


Similar Part No. - TCM38C17IDL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM38C17IDL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
   FOUR-CHANNEL PCM CODEC
logo
Asahi Kasei Microsystem...
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
   QUAD PCM CODEC/FILTER COMBO LSI
logo
Infineon Technologies A...
PEB2466 INFINEON-PEB2466 Datasheet
1Mb / 73P
   Four Channel Codec Filter with PCM and Microcontroller Interface
DS 1, Feb. 2001
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
National Semiconductor ...
TP11362A NSC-TP11362A Datasheet
442Kb / 16P
   Quad Adaptive Differential PCM Processor
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com