Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM37C15A Datasheet(PDF) 5 Page - Texas Instruments

Part # TCM37C15A
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM37C15A Datasheet(HTML) 5 Page - Texas Instruments

  TCM37C15A Datasheet HTML 1Page - Texas Instruments TCM37C15A Datasheet HTML 2Page - Texas Instruments TCM37C15A Datasheet HTML 3Page - Texas Instruments TCM37C15A Datasheet HTML 4Page - Texas Instruments TCM37C15A Datasheet HTML 5Page - Texas Instruments TCM37C15A Datasheet HTML 6Page - Texas Instruments TCM37C15A Datasheet HTML 7Page - Texas Instruments TCM37C15A Datasheet HTML 8Page - Texas Instruments TCM37C15A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (outputs not loaded) (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
0
°C to 85°C
–40
°C to 0°C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Sl
t f
Operating
7
10
8
11
ICC
Supply current from
VCC
Standby
FSX, FSR at VIL (after 300 ms)
0.5
1.3
1
1.7
mA
VCC
Power down
GS0, GS1 = VIL (after 300 ms)
0.5
1.2
1
1.7
Sl
t f
Operating
–7
–9
–9
– 11.5
IBB
Supply current from
VBB
Standby
FSX, FSR at VIL (after 300 ms)
– 0.6
–1
– 0.8
– 1.2
mA
VBB
Power down
GS0, GS1 = VIL (after 300 ms)
– 0.3
– 0.9
– 0.4
– 1.2
Operating
70
100
80
110
PD
Power dissipation
Standby
FSX, FSR at VIL (after 300 ms)
9
13
10
17
mW
Power down
GS0, GS1 = VIL (after 300 ms)
7
12
10
17
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage at PCMOUT
IOH = – 9.6 mA
2.4
V
VOL
Low-level output voltage at PCMOUT, TSX
IOL = 3.2 mA
0.5
V
IIH
High-level input current, any digital input
VI = 2.2 V to VCC
12
µA
IIL
Low-level input current, any digital input
VI = 0 to 0.8 V
12
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
transmit amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input current at ANLGIN
VI = – 2.17 V to 2.17 V
±100
nA
Input offset voltage at ANLGIN
VI = – 2.17 V to 2.17 V
±25
mV
Common-mode rejection at ANLGIN
VI = – 2.17 V to 2.17 V
55
dB
Open-loop voltage amplification at GSX
5000
Open-loop unity-gain bandwidth at GSX
1
MHz
Input resistance at ANLGIN
10
M
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
receive filter output
PARAMETER
MIN
TYP†
MAX
UNIT
Output offset voltage PWRO +, PWRO – (single ended), Relative to AGND
80
mV
Output resistance at PWRO +, PWRO –
1
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
‡ PWRO – on TCM37C14A only


Similar Part No. - TCM37C15A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM37C15A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com