Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM129C18DW Datasheet(PDF) 11 Page - Texas Instruments

Part # TCM129C18DW
Description  ANALOG INTERFACE FOR DSP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM129C18DW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCM129C18DW Datasheet HTML 7Page - Texas Instruments TCM129C18DW Datasheet HTML 8Page - Texas Instruments TCM129C18DW Datasheet HTML 9Page - Texas Instruments TCM129C18DW Datasheet HTML 10Page - Texas Instruments TCM129C18DW Datasheet HTML 11Page - Texas Instruments TCM129C18DW Datasheet HTML 12Page - Texas Instruments TCM129C18DW Datasheet HTML 13Page - Texas Instruments TCM129C18DW Datasheet HTML 14Page - Texas Instruments TCM129C18DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TCM29C18, TCM29C19, TCM129C18, TCM129C19
ANALOG INTERFACE FOR DSP
SCTS021D –AUGUST 1987 –REVISED OCTOBER 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Time Slot
td(TSDX)
tpd9
FSX
DCLKX
CLKX
PCM OUT
12
3
4
5
67
8
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
td(FSX)
tpd6
tpd8
tpd7
NOTES: A. Inputs are driven from 0.45 V to 2.4 V. Time intervals are referenced to 2 V if the high level is indicated and 0.8 V if the low level is
indicated.
B. Bit 1 is the most significant bit (MSB) and is clocked in first on the PCM IN input or is clocked out first on the PCM OUT output.
Bit 8 is the least significant bit (LSB) and is clocked in last on the PCM IN input or is clocked out last on the PCM OUT output.
C. All timing parameters referenced to VIH and VIL except tpd7 and tpd8, which references the high-impedance state.
Figure 5. Transmit Timing (Variable-Data Rate)
FSR
DCLKR
CLKR
PCM IN
1
2
34
56
7
8
td(TSDR)
td(FSR)
tsu(PCM IN)
th(PCM IN)
tSER
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Don’t Care
NOTES: A. Inputs are driven from 0.45 V to 2.4 V. Time intervals are referenced to 2 V if the high level is indicated and 0.8 V if the low level is
indicated.
B. Bit 1 is the most significant bit (MSB) and is clocked in first on the PCM IN input or is clocked out first on the PCM OUT output.
Bit 8 is the least significant bit (LSB) and is clocked in last on the PCM IN input or is clocked out last on the PCM OUT output.
C. All timing parameters referenced to VIH and VIL except tpd7 and tpd8, which references the high-impedance state.
Figure 6. Receive Timing (Variable-Data Rate)


Similar Part No. - TCM129C18DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM129C13 TI-TCM129C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13 TI1-TCM129C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13A TI-TCM129C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13ADW TI-TCM129C13ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C13ADWR TI-TCM129C13ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM129C18DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Dialog Semiconductor
IW337 DIALOG-IW337 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
IW339 DIALOG-IW339 Datasheet
367Kb / 5P
   SSL Interface Controller for Analog
logo
Siemens Semiconductor G...
SDA9087 SIEMENS-SDA9087 Datasheet
537Kb / 20P
   Analog-Digital-Interface for Inserted Picture
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
logo
Panasonic Semiconductor
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
   ANALOG SWITCH ICS FOR RGB INTERFACE
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
   Analog Switch ICs for RGB Interface
logo
Analog Devices
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com