Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5386 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 1N5386
Description  5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5386 Datasheet(HTML) 2 Page - Motorola, Inc

  1N5386 Datasheet HTML 1Page - Motorola, Inc 1N5386 Datasheet HTML 2Page - Motorola, Inc 1N5386 Datasheet HTML 3Page - Motorola, Inc 1N5386 Datasheet HTML 4Page - Motorola, Inc 1N5386 Datasheet HTML 5Page - Motorola, Inc 1N5386 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-2
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.2 Max @ IF = 1 A for all types)
JEDEC
Type No.
(Note 1)
Nominal
Zener
Voltage
VZ @ IZT
Volts
(Note 2)
Test
Current
IZT
mA
Max Zener Impedance
Max Reverse
Leakage Current
Max
Surge
Current
ir, Amps
(Note 3)
Max Voltage
Regulation
∆VZ, Volt
(Note 4)
Maximum
Regulator
Current
IZM
mA
(Note 5)
JEDEC
Type No.
(Note 1)
Voltage
VZ @ IZT
Volts
(Note 2)
Test
Current
IZT
mA
ZZT @IZT
Ohms
(Note 2)
ZZK @ IZK = 1 mA
Ohms
(Note 2)
IR
µA
VR
Volts
@
Surge
Current
ir, Amps
(Note 3)
Max Voltage
Regulation
∆VZ, Volt
(Note 4)
Current
IZM
mA
(Note 5)
1N5333B
3.3
380
3
400
300
1
20
0.85
1440
1N5334B
3.6
350
2.5
500
150
1
18.7
0.8
1320
1N5335B
3.9
320
2
500
50
1
17.6
0.54
1220
1N5336B
4.3
290
2
500
10
1
16.4
0.49
1100
1N5337B
4.7
260
2
450
5
1
15.3
0.44
1010
1N5338B
5.1
240
1.5
400
1
1
14.4
0.39
930
1N5339B
5.6
220
1
400
1
2
13.4
0.25
865
1N5340B
6
200
1
300
1
3
12.7
0.19
790
1N5341B
6.2
200
1
200
1
3
12.4
0.1
765
1N5342B
6.8
175
1
200
10
5.2
11.5
0.15
700
1N5343B
7.5
175
1.5
200
10
5.7
10.7
0.15
630
1N5344B
8.2
150
1.5
200
10
6.2
10
0.2
580
1N5345B
8.7
150
2
200
10
6.6
9.5
0.2
545
1N5346B
9.1
150
2
150
7.5
6.9
9.2
0.22
520
1N5347B
10
125
2
125
5
7.6
8.6
0.22
475
1N5348B
11
125
2.5
125
5
8.4
8
0.25
430
1N5349B
12
100
2.5
125
2
9.1
7.5
0.25
395
1N5350B
13
100
2.5
100
1
9.9
7
0.25
365
1N5351B
14
100
2.5
75
1
10.6
6.7
0.25
340
1N5352B
15
75
2.5
75
1
11.5
6.3
0.25
315
1N5353B
16
75
2.5
75
1
12.2
6
0.3
295
1N5354B
17
70
2.5
75
0.5
12.9
5.8
0.35
280
1N5355B
18
65
2.5
75
0.5
13.7
5.5
0.4
265
1N5356B
19
65
3
75
0.5
14.4
5.3
0.4
250
1N5357B
20
65
3
75
0.5
15.2
5.1
0.4
237
1N5358B
22
50
3.5
75
0.5
16.7
4.7
0.45
216
1N5359B
24
50
3.5
100
0.5
18.2
4.4
0.55
198
1N5360B
25
50
4
110
0.5
19
4.3
0.55
190
1N5361B
27
50
5
120
0.5
20.6
4.1
0.6
176
1N5362B
28
50
6
130
0.5
21.2
3.9
0.6
170
1N5363B
30
40
8
140
0.5
22.8
3.7
0.6
158
1N5364B
33
40
10
150
0.5
25.1
3.5
0.6
144
1N5365B
36
30
11
160
0.5
27.4
3.3
0.65
132
1N5366B
39
30
14
170
0.5
29.7
3.1
0.65
122
1N5367B
43
30
20
190
0.5
32.7
2.8
0.7
110
1N5368B
47
25
25
210
0.5
35.8
2.7
0.8
100
1N5369B
51
25
27
230
0.5
38.8
2.5
0.9
93
1N5370B
56
20
35
280
0.5
42.6
2.3
1
86
1N5371B
60
20
40
350
0.5
42.5
2.2
1.2
79
1N5372B
62
20
42
400
0.5
47.1
2.1
1.35
76
1N5373B
68
20
44
500
0.5
51.7
2
1.5
70
1N5374B
75
20
45
620
0.5
56
1.9
1.6
63
1N5375B
82
15
65
720
0.5
62.2
1.8
1.8
58
1N5376B
87
15
75
760
0.5
66
1.7
2
54.5
1N5377B
91
15
75
760
0.5
69.2
1.6
2.2
52.5
1N5378B
100
12
90
800
0.5
76
1.5
2.5
47.5
1N5379B
110
12
125
1000
0.5
83.6
1.4
2.5
43
1N5380B
120
10
170
1150
0.5
91.2
1.3
2.5
39.5
1N5381B
130
10
190
1250
0.5
98.8
1.2
2.5
36.6
1N5382B
140
8
230
1500
0.5
106
1.2
2.5
34
(continued)


Similar Part No. - 1N5386

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5386 PANJIT-1N5386 Datasheet
306Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
logo
Transys Electronics
1N5386 TRSYS-1N5386 Datasheet
267Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Boca Semiconductor Corp...
1N5386 BOCA-1N5386 Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diodes Incorporated
1N5386 DIODES-1N5386 Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
EIC discrete Semiconduc...
1N5386 EIC-1N5386 Datasheet
31Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N5386

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
   5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com