Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM29C18 Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM29C18
Description  ANALOG INTERFACE FOR DSP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C18 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM29C18 Datasheet HTML 3Page - Texas Instruments TCM29C18 Datasheet HTML 4Page - Texas Instruments TCM29C18 Datasheet HTML 5Page - Texas Instruments TCM29C18 Datasheet HTML 6Page - Texas Instruments TCM29C18 Datasheet HTML 7Page - Texas Instruments TCM29C18 Datasheet HTML 8Page - Texas Instruments TCM29C18 Datasheet HTML 9Page - Texas Instruments TCM29C18 Datasheet HTML 10Page - Texas Instruments TCM29C18 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TCM29C18, TCM29C19, TCM129C18, TCM129C19
ANALOG INTERFACE FOR DSP
SCTS021D –AUGUST 1987 –REVISED OCTOBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode (see Figure 5)
MIN
MAX
UNIT
td(TSDX)
Delay time, time-slot from DCLKX (see Note 10)
140
td(DCLKX)–140
ns
td(FSX)
Delay time, frame sync
100
tc(CLK)–100
ns
tc(DCLKX)
Pulse duration, DCLKX
488
15620
ns
NOTE 10: tFSLX minimum requirement overrides the td(TSDX) maximum requirement for 64-kHz operation.
receive timing requirements over recommended ranges of supply voltages and operating free-air
temperature, variable-data-rate mode (see Figure 6)
MIN
MAX
UNIT
td(TSDR)
Delay time, time slot from DCLKR (see Note 11)
140
tw(DCLKR)–140
ns
td(FSR)
Delay time, frame sync TC(CLK)
100
tc(CLK)–100
ns
tsu(PCM IN)
Setup time before bit 7 falling edge
10
ns
th(PCM IN)
Hold time after bit 8 falling edge
60
ns
tw(DCLKR)
Pulse duration, DCLKR
488
15620
ns
tSER
Time-slot end receive time
0
ns
NOTE 11: tFSLR minimum requirement overrides the tc(TSDR) maximum requirement for 64-kHz operation.
64 k-bit operation over recommended ranges of supply voltage and operating free-air temperature,
variable-data-rate mode
MIN
MAX
UNIT
tFSLX
Transmit frame sync, minimum down time
FSX = TTL high for remainder of frame
488
ns
tFSLR
Receive frame sync, minimum down time
FSR = TTL high for remainder of frame
1952
ns
tw(DCLK)
Pulse duration, data clock
10
µs
switching characteristics
propagation delay times over recommended ranges of operating conditions, fixed-data-rate mode
(see timing diagrams)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
Delay time from rising edge of transmit clock to bit 1 data valid at PCM OUT
(data enable time on time-slot entry)
CL = 0 to 100 pF
0
145
ns
tpd2
Delay time from rising edge of transmit clock bit n to bit n data valid at PCM OUT
(data valid time)
CL = 0 to 100 pF
0
145
ns
tpd3
Delay time from falling edge of transmit clock bit 8 to bit 8 Hi-Z at PCM OUT
(data float time on time-slot exit)
CL = 0
60
215
ns
tpd4
Delay time from rising edge of transmit clock bit 1 to TSX active (low)
(time-slot enable time)
CL = 0 to 100 pF
0
145
ns
tpd5
Delay time from falling edge of transmit clock bit 8 to TSX inactive (high)
(time-slot disable time)
CL = 0
60
190
ns
propagation delay times over recommended ranges of operating conditions, variable-data-rate mode
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd6
Delay time from DCLKX
0
100
ns
tpd7
Delay time from time-slot enable to PCM OUT
CL = 0 to 100 pF
0
50
ns
tpd8
Delay time from time-slot disable to PCM OUT
0
80
ns
tpd9
Delay time from FSX
td(TSDX) = 140 ns
0
140
ns


Similar Part No. - TCM29C18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI1-TCM29C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13ADW TI-TCM29C13ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13ADWR TI-TCM29C13ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Dialog Semiconductor
IW337 DIALOG-IW337 Datasheet
319Kb / 5P
   Signal Interface Controller for Analog
IW339 DIALOG-IW339 Datasheet
367Kb / 5P
   SSL Interface Controller for Analog
logo
Siemens Semiconductor G...
SDA9087 SIEMENS-SDA9087 Datasheet
537Kb / 20P
   Analog-Digital-Interface for Inserted Picture
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
logo
Panasonic Semiconductor
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
   ANALOG SWITCH ICS FOR RGB INTERFACE
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
   Analog Switch ICs for RGB Interface
logo
Analog Devices
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com