Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91935-9014 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 91935-9014
Description  Picoflex짰 Discrete Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

91935-9014 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  91935-9014 Datasheet HTML 1Page - Molex Electronics Ltd. 91935-9014 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bringing People & Technology Together, Worldwide
SM
Visit our Web site at http://www.molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Far East South
Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
Far East North
Headquarters
Yamato, Kanagawa,
Japan
81-462-65-2324
feninfo@molex.com
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
ORDERING INFORMATION
APPLICATIONS
White goods
Automotive
Medical
Industrial
Other Markets
Suitable in any markets where signal and power connections are required
Markets and Applications
1.27mm (.050”) Pitch
Picoflex® Discrete Wire
91935 (Housing)
91821 (Terminal)
Housing and Terminal
N/A
Housing
26
91935-9026
Tin
Terminal
N/A
91821-0001
N/A
Housing
16
91935-9016
N/A
Housing
14
91935-9014
N/A
Housing
12
91935-9012
N/A
Housing
10
91935-9010
N/A
Housing
8
91935-9008
Gold
Terminal
N/A
91821-0003
N/A
Housing
20
91935-9020
N/A
Housing
18
91935-9018
N/A
Housing
22
91935-9022
Housing
Housing
Housing
Description
24
6
4
Circuit Size
N/A
91935-9024
91935-9006
91935-9004
Order No.
N/A
N/A
Plating


Similar Part No. - 91935-9014

ManufacturerPart #DatasheetDescription
logo
Heyco.
9193 HEYCO-9193 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
EPCOS
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
logo
FCI connector
91931-31125LF FCI-CONNECTOR-91931-31125LF Datasheet
440Kb / 7P
   CONAN CONNECTOR ASSEMBLY
logo
Tyco Electronics
919385-000 MACOM-919385-000 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
More results

Similar Description - 91935-9014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63910-6500 MOLEX-63910-6500 Datasheet
186Kb / 6P
   T2 Terminator for Picoflex짰 Discrete Wire Crimp Terminals
05-06-08
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
logo
Samtec, Inc
ISDF-10-D-M SAMTEC-ISDF-10-D-M Datasheet
658Kb / 1P
   DISCRETE WIRE COMPONENTS TOOLING
logo
AVX Corporation
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
logo
Tyco Electronics
358733-000 MACOM-358733-000 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com