Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64319-1216 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 64319-1216
Description  CMC Hybrid Connectors Standard and Power Versions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

64319-1216 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  64319-1216 Datasheet HTML 1Page - Molex Electronics Ltd. 64319-1216 Datasheet HTML 2Page - Molex Electronics Ltd. 64319-1216 Datasheet HTML 3Page - Molex Electronics Ltd. 64319-1216 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APPLICATIONS
© 2008, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550
F: 630-969-1352
Markets
- Cars
- Trucks
- Busses
- Agricultural equipment
- Motorcycle
- Marine
Applications: Wire-to-Board
Power Train
- Engine control unit
- Gear box
- Suspension controller
Body Electronics
- Junction box
- Lightning control system
- Electrical doors
CMC Hybrid Connectors
Standard and Power Versions
Standard Receptacles
64319 32-Circuit Receptacle
and Wire Cap
64320 48-Circuit Receptacle
and Wire Cap
64325 Plug
Power Receptacles
64318 28-Circuit Receptacle
64320 28-Circuit Wire Cap
64321 53-Circuit Receptacle
and Wire Cap
64325 Plug
USA/KP/2008.05
Order No. 987650-2003
www.molex.com/product/cmc.html
Powertrain Application
Electronic Body Application
Engine Control Box


Similar Part No. - 64319-1216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64319-1216 MOLEX11-64319-1216 Datasheet
66Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Blue Coding, Mat
More results

Similar Description - 64319-1216

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
251Kb / 2P
   Standard and long life versions
logo
Molex Electronics Ltd.
36638-0001 MOLEX-36638-0001 Datasheet
126Kb / 2P
   CMC Hybrid PCB Header
logo
ITT Industries
BFH ITT-BFH Datasheet
67Kb / 1P
   Hermetically sealed versions of the BFR and TBF receptacle connectors.
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
   60mv and 75mv versions
logo
Delta Electronics, Inc.
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
   Lighted and non-lighted versions
logo
Gamma Microelectronics ...
GM6615X GAMMA-GM6615X Datasheet
718Kb / 17P
   Fixed and Adjustable Voltage Versions
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
   Constant Voltage AND Current Versions
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com