Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74595-1030 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74595-1030
Description  LaneLinkTM Dual Data Rate (DDR) InfiniBand* Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74595-1030 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74595-1030 Datasheet HTML 1Page - Molex Electronics Ltd. 74595-1030 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
© 2008, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550
F: 630-969-1352
www.molex.com/product/io/lanelink.html
ORDERING INFORMATION
Order No.
Lanes
Length
Cable AWG
Latch Style
74595-1005
4
0.50m (1.64ft)
30
Squeeze
74595-1010
1.00m (3.28ft)
74595-1020
2.00m (6.56ft)
74595-1030
3.00m (9.84ft)
74595-1050
5.00m (16.40ft)
28
74595-1070
7.00m (22.97ft)
24
74595-5005
4
0.50m (1.64ft)
30
Lanyard
74595-5010
1.00m (3.28ft)
74595-5020
2.00m (6.56ft)
74595-5030
3.00m (9.84ft)
74595-5050
5.00m (16.40ft)
28
74595-5070
7.00m (22.97ft)
24
USA/KP/2008.09
Order No. 987650-2062
LaneLinkTM
Dual Data Rate (DDR)
InfiniBand* Cable Assemblies
74595 4x
n
Server Storage Applications
- SAN (Storage Area Network) switches, routers,
servers and storage racks
- RAID (Redundant Array of Integrated Discs) devices
Per the DDR spec, standard lengths are available up to 12 meters. Contact Molex Customer Service for lengths not shown above.
*InfiniBand is a trademark of the InfiniBand Trade Association
Host Bus Adapter Card
4x Latching Connector
Series 91804
DDR Cable Assembly
Series 74595


Similar Part No. - 74595-1030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74590 ETC1-74590 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
74591 ETC1-74591 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
logo
Fairchild Semiconductor
74594 FAIRCHILD-74594 Datasheet
58Kb / 7P
   8-Bit Shift Register with Output Registers
More results

Similar Description - 74595-1030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1110001005 MOLEX-1110001005 Datasheet
135Kb / 1P
   DDR INFINIBAND 12X CABLE ASSEMBLY
2006/12/20
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com