Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTMFCR0207FTNU0100 Datasheet(PDF) 3 Page - Central Technologies

Part # CTMFCR0207FTNU0100
Description  Metal Film, Cylindrical Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMFCR0207FTNU0100 Datasheet(HTML) 3 Page - Central Technologies

  CTMFCR0207FTNU0100 Datasheet HTML 1Page - Central Technologies CTMFCR0207FTNU0100 Datasheet HTML 2Page - Central Technologies CTMFCR0207FTNU0100 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Metal Film, Cylindrical Resistors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTMFCR Series
05.05.08
ENVIRONMENTAL CHARACTERISTICS
Test Item
Requirements Permissible Change (
ΔΔR)
Test Method
0.25%
0.50%
0.50%
Stability for
product
types
CTMFCR0204
50
Ω
Ω~220KΩ
Ω
10
Ω
Ω~<50Ω
Ω
>220K
Ω
Ω
CTMFCR0207
50
Ω
Ω~1MΩ
Ω
10
Ω
Ω~<50Ω
Ω
>1M
Ω
Ω
Temperature Coefficient of
Resistance
As Spec
MIL-STD-202F Method 304
+25/-55/+25/+125/+25°C
Short Time Overload
ΔR±0.1%
JIS-C-5202-5.5
RCWV*2.5 or Max Overloading Voltage
5 seconds
no visible damage
Thermal Shock
ΔR±0.1%
ΔR±0.25%
ΔR±0.1%
MIL-STD-202F Method 107G
-55°C~150°C, 100 cycles
no visible damage
Load Life
ΔR±0.25%
ΔR±0.25%
ΔR±0.50%
MIL-STD-202F Method 108A
RCWV, 70°C, 1.5 hours ON, 0.5 hours OFF, total
1000~1048 hours
Humidity (Steady State)
ΔR±0.25%
ΔR±0.50%
ΔR±0.50%
MIL-STD-202F Method 103B
40°C, 90~95%RH,RCWV 1.5 hours ON, 0.5 hours
OFF, total 1000~1048 hours
no visible damage
Resistance to Dry Heat
ΔR±0.50%
ΔR±1.00%
ΔR±1.00%
JIS-C-5202-7.2
96 hours @ +155°C without load
Low Temperature Operation
ΔR±0.25%
ΔR±0.50%
ΔR±0.50%
JIS-C-5202-7.1
1 hour, -65°C, followed by 45 minutes of RCWV
no visible damage
Solderability
95%min coverage
MIL-STD-202F Method 208H
245°C±5°C, 2±0.5 (sec)
Resistance to Soldering Heat
ΔR±0.10%
ΔR±0.25%
ΔR±0.10%
MIL-STD-202F Method 210E
260±5°C, 10±1 seconds
no visible damage
*Storage Temperature: 25±3°C; Humidity <80%RH


Similar Part No. - CTMFCR0207FTNU0100

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
   CT PROTECTOR
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
   DIRECTIONAL COUPLERS
CTM-10M-1.25G MERRIMAC-CTM-10M-1.25G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-12G MERRIMAC-CTM-10M-12G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-2.5G MERRIMAC-CTM-10M-2.5G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
More results

Similar Description - CTMFCR0207FTNU0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
   Metal Film, Cylindrical Resistors
20-Oct-03
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
   Metal Film, Cylindrical Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
   Carbon Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com