Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTRJG29S4ND1002A Datasheet(PDF) 1 Page - Central Technologies

Part # CTRJG29S4ND1002A
Description  Integrated RJ45 Magnetic Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG29S4ND1002A Datasheet(HTML) 1 Page - Central Technologies

  CTRJG29S4ND1002A Datasheet HTML 1Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 2Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 3Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 4Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 5Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 6Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 7Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 8Page - Central Technologies CTRJG29S4ND1002A Datasheet HTML 9Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
CTRJG Series
10/100/1000 Gigabit Ethernet RJ45
Integrated Modular Jack
Not shown at actual size.
CHARACTERISTICS
Options: 1x2, 1x4, 1x6,1x8 & 2x1, 2x4, 2x6, 2x8 Port
Meets or exceeds IEEE 802.3 standard for 10/100/1000 Base-TX
Suitable for CAT 5 & 6 Fast Ethernet Cable of better UTP
350 µH minimum OCL with 8mA DC bias current
Available with or without LEDs
Minimum 1500Vrms isolation per IEEE 802.3 requirement
Operating temperature 0°C to +70°C
Storage temperature -40°C to +85°C
RoHS Compliant
Transformer electrical specifications @ 25°C
RoHS
Compliant
MATERIAL SPECIFICATION
Metal Shell: Copper Alloy, Finish: 50µ" Nickel
Housing: Thermoplastic, UL 94V-0, Color Black
Insert: Thermoplastic , UL 94V-0, Color Black
Contact Terminal / Phosphor Bronze, 15µ" Gold on Contact Area,
100µ" Tin on Solder, Both over 50µ", Nickel Under-Plated
Coil Base: Phenolic/LCP , UL 94V-0, Color Black
LED CONFIGURATION
Schematic
Standard LED
Wavelength (
λλ)
V / IF= 20 mA
Image
Max.
Typ.
1001A
1002A
1003A
1012A
1013A
Yellow
585nm
2.5V
2.1V
Green
570nm
2.5V
2.1V
Orange
605nm
2.5V
2.1V
1223C
1224C
1226C
1227C
Yellow
585nm
2.5V
2.1V
Green
570nm
2.5V
2.1V
Orange
605nm
2.5V
2.1V
1013D
1015D
Green
570nm
2.5V
2.1V
Orange
605nm
2.5V
2.1V
1012B
1015B
Yellow
585nm
2.5V
2.1V
Green
570nm
2.5V
2.1V
Left LED
Right LED
P11
P12
P13
P14
P13
P14
P16
P15
Right LED
Left LED
P13
P14
P16
P15
P12
P11
LEDs
Orange
Green
P13
P14
P12
P11
Right LED
Left LED
PART NUMBER CONFIGURATION
Series
Size
Code
Layers
Port
(Each
Layer)
LED
(L/R)
Tab
Schematic
CTRJG
26
29
31
33
S = Single
D = Double
1
2
4
6
8
N = None
G = Green
Y = Yellow
O = Orange
N = N/A
D = Down
U = Up
1001A, 1002A
1003A, 1012A
1013A, 1012B
1015B, 1223C
1224C, 1226C
1227C, 1013D
1015D
Single Layer:
CTRJG 26 S 1
GY
U 1001A
Double Layer:
CTRJG 31 D 1 GONN N 1013D


Similar Part No. - CTRJG29S4ND1002A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1026 CT-CTRJGU27S1GU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1033 CT-CTRJGU27S1GU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1026 CT-CTRJGU27S1NU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1033 CT-CTRJGU27S1NU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJG29S4ND1002A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJM CT-CTRJM Datasheet
907Kb / 10P
   Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
Abracon Corporation
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
   GIGABIT RJ45 LAN MAGNETIC
logo
Yuan Dean Scientific., ...
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
   RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
   RJ45 Integrated Jack
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
   RJ45 Integrated Jack
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com