Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS1020APFB Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS1020APFB
Description  USB Streaming Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020APFB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS1020APFB Datasheet HTML 6Page - Texas Instruments TAS1020APFB Datasheet HTML 7Page - Texas Instruments TAS1020APFB Datasheet HTML 8Page - Texas Instruments TAS1020APFB Datasheet HTML 9Page - Texas Instruments TAS1020APFB Datasheet HTML 10Page - Texas Instruments TAS1020APFB Datasheet HTML 11Page - Texas Instruments TAS1020APFB Datasheet HTML 12Page - Texas Instruments TAS1020APFB Datasheet HTML 13Page - Texas Instruments TAS1020APFB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
1–4
1.4
Terminal Assignments—External MCU Mode
23
MCUAD1
MCUAD0
MCURD
DVDD
MCUWR
MCUINTO
MCUALE
MCUA10
DVSS
XINT
MCUA9
MCUA8
24
23
22
21
20
19
18
17
16
15
14
13
4
37
38
39
40
41
42
43
44
45
46
47
48
CSCLK
CDATO
MCLKO1
MCLKO2
RESET
VREN
SDA
SCL
AVSS
XTALO
XTALI
PLLFILI
56
7
8
35 34 33 32 31
36
30
28 27 26
29
9 10 11 12
25
1
PFB PACKAGE (External Mode)
(TOP VIEW)
TAS1020A
1.5
Ordering Information
TQFP
Texas Instruments
Package Type
Peripheral Device
Audio Solutions
48 pins
PFB
T
PFB
1020A
AS


Similar Part No. - TAS1020APFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS1020 TI-TAS1020 Datasheet
375Kb / 93P
[Old version datasheet]   USB Streaming Controller
TAS1020B TI-TAS1020B Datasheet
493Kb / 114P
[Old version datasheet]   USB Streaming Controller
TAS1020B TI-TAS1020B Datasheet
1Mb / 118P
[Old version datasheet]   USB Streaming Controller
TAS1020B TI-TAS1020B Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
TAS1020BPFB TI-TAS1020BPFB Datasheet
493Kb / 114P
[Old version datasheet]   USB Streaming Controller
More results

Similar Description - TAS1020APFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS1020BPFBR TI-TAS1020BPFBR Datasheet
1Mb / 118P
[Old version datasheet]   USB Streaming Controller
TAS1020 TI-TAS1020 Datasheet
375Kb / 93P
[Old version datasheet]   USB Streaming Controller
TAS1020B TI-TAS1020B Datasheet
493Kb / 114P
[Old version datasheet]   USB Streaming Controller
TUSB3200A TI1-TUSB3200A_16 Datasheet
1Mb / 102P
[Old version datasheet]   USB Streaming Controller (STC)
TUSB3200 TI-TUSB3200 Datasheet
350Kb / 93P
[Old version datasheet]   USB Streaming Controller STC
logo
Savitech Corp.
SA9227 SAVITECH-SA9227 Datasheet
556Kb / 28P
   USB Audio Streaming Controller
logo
Texas Instruments
TUSB3200A TI-TUSB3200A Datasheet
379Kb / 93P
[Old version datasheet]   USB STREAMING CONTROLLER (STC)
logo
Savitech Corp.
SA9226 SAVITECH-SA9226 Datasheet
501Kb / 28P
   USB Audio Streaming Controller
logo
List of Unclassifed Man...
TE7022L ETC1-TE7022L Datasheet
313Kb / 5P
   Hi-Q USB Audio Streaming Controller
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com