Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTFR0402BBBV1000 Datasheet(PDF) 2 Page - Central Technologies

Part # CTTFR0402BBBV1000
Description  Thin Film Precision Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTFR0402BBBV1000 Datasheet(HTML) 2 Page - Central Technologies

  CTTFR0402BBBV1000 Datasheet HTML 1Page - Central Technologies CTTFR0402BBBV1000 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thin Film Precision Chip Resistors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
PHYSICAL DIMENSIONS
W
D1
T
D1
L
D2
D2
Type
L
W
T
D1
D2
CTTFR0402
1.00±0.05
0.50±0.05
0.30±0.05
0.20±0.10
0.20±0.10
CTTFR0603
1.55±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
CTTFR0805
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
CTTFR1206
3.05±0.15
1.55±0.15
0.55±0.10
0.42±0.20
0.35±0.25
Unit: mm
CTTFR Series
01.23.07
STANDARD ELECTRICAL SPECIFICATIONS
Power
Operating
Max.
Max.
Resistance
Rating
Temp.
Operating
Overloading
Tolerance
Resistance
TCR
Type
at 70°C
Range
Voltage
Voltage
(±)
Range
(±PPM/°C)
CTTFR0402
1/16W
-55°C to +155°C
25V
50V
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
50
Ω~2KΩ
5
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
50
Ω~12KΩ
10 , 15
0.01%, 0.05%
50
Ω~12KΩ
25 , 50
0.1%, 0.25%, 0.5%, 1%
10
Ω~100KΩ
25 , 50
CTTFR0603
1/16W
-55°C to +155°C
50V
100V
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
50
Ω~8KΩ
5
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
25
Ω~100KΩ
10 , 15
0.01%
25
Ω~100KΩ
25 , 50
0.05%
4.7
Ω~150KΩ
25 , 50
0.1%, 0.25%, 0.5%, 1%
4.7
Ω~402KΩ
25 , 50
0.25%, 0.5%, 1%
2
Ω~4.6Ω
25 , 50
CTTFR1206
1/8W
-55°C to +155°C
150V
300V
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
50
Ω~30KΩ
5
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
25
Ω~500KΩ
10 , 15
0.01%
25
Ω~500KΩ
25 , 50
0.05%
4.7
Ω~1MΩ
25 , 50
0.1%, 0.25%, 0.5%, 1%
4.7
Ω~1MΩ
25 , 50
0.25%, 0.5%, 1%
1
Ω~4.6Ω
25 , 50
1M
Ω~2MΩ
CTTFR0805
1/10W
-55°C to +155°C
100V
200V
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
50
Ω~16KΩ
5
0.01%, 0.05%, 0.1%, 0.25%, 0.5%
25
Ω~200KΩ
10 , 15
0.01%
25
Ω~200KΩ
25 , 50
0.05%
4.7
Ω~500KΩ
25 , 50
0.1%, 0.25%, 0.5%, 1%
4.7
Ω~1MΩ
25 , 50
0.25%, 0.5%, 1%
1
Ω~4.6Ω
25 , 50


Similar Part No. - CTTFR0402BBBV1000

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1B CT-CTTF0201F-0N1B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1C CT-CTTF0201F-0N1C Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1S CT-CTTF0201F-0N1S Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N2B CT-CTTF0201F-0N2B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results

Similar Description - CTTFR0402BBBV1000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com