Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS83DGG Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS83DGG
Description  FLATLINKE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS83DGG Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS83DGG Datasheet HTML 1Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 2Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 3Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 4Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 5Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 6Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 7Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 8Page - Texas Instruments SN75LVDS83DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN75LVDS83
FLATLINK
™ TRANSMITTER
SLLS271B – MARCH 1997 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 28:4 Data Channel Compression at up to
227.5 Million Bytes per Second Throughput
D Suited for SVGA, XGA, or SXGA Display
Data Transmission From Controller to
Display With Very Low EMI
D 28 Data Channels and Clock-In Low-Voltage
TTL
D 4 Data Channels and Clock-Out
Low-Voltage Differential
D Operates From a Single 3.3-V Supply With
250 mW (Typ)
D ESD Protection Exceeds 6 kV
D 5-V Tolerant Data Inputs
D Selectable Rising or Falling Edge-Triggered
Inputs
D Packaged in Thin Shrink Small-Outline
Package With 20-Mil Terminal Pitch
D Consumes Less Than 1 mW When Disabled
D Wide Phase-Lock Input Frequency
Range . . . 31 MHz to 68 MHz
D No External Components Required for PLL
D Outputs Meet or Exceed the Requirements
of ANSI EIA/TIA-644 Standard
D Improved Replacement for the DS90C581
description
The SN75LVDS83 FlatLink transmitter contains
four 7-bit parallel-load serial-out shift registers, a
7
× clock synthesizer, and five low-voltage
differential-signaling (LVDS) line drivers in a single integrated circuit. These functions allow 28 bits of
single-ended low-voltage TTL (LVTTL) data to be synchronously transmitted over five balanced-pair conductors
for receipt by a compatible receiver, such as the SN75LVDS82. The SN75LVDS83 can also be used in 21-bit
links with the SN75LVDS86 receiver.
When transmitting, data bits D0 through D27 are each loaded into registers upon the edge of the input clock
signal (CLKIN). The rising or falling edge of the clock can be selected by way of the clock select (CLKSEL)
terminal. The frequency of CLKIN is multiplied seven times (7
×) and then used to unload the data registers in
7-bit slices and serially. The four serial streams and a phase-locked clock (CLKOUT) are then output to LVDS
output drivers. The frequency of CLKOUT is the same as the input clock, CLKIN.
The SN75LVDS83 requires no external components and little or no control. The data bus appears the same
at the input to the transmitter and output of the receiver with the data transmission transparent to the user. The
only user intervention is the possible use of the shutdown/clear (SHTDN) active-low input to inhibit the clock
and shut off the LVDS output drivers for lower power consumption. A low-level signal on SHTDN clears all
internal registers to a low level.
The SN75LVDS83 is characterized for operation over free-air temperature ranges of 0
_C to 70_C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
VCC
D5
D6
D7
GND
D8
D9
D10
VCC
D11
D12
D13
GND
D14
D15
D16
CLKSEL
D17
D18
D19
GND
D20
D21
D22
D23
VCC
D24
D25
D4
D3
D2
GND
D1
D0
D27
LVDSGND
Y0M
Y0P
Y1M
Y1P
LVDSVCC
LVDSGND
Y2M
Y2P
CLKOUTM
CLKOUTP
Y3M
Y3P
LVDSGND
PLLGND
PLLVCC
PLLGND
SHTDN
CLKIN
D26
GND
DGG PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
FlatLink is a registered trademark of Texas Instruments Incorporated.


Similar Part No. - SN75LVDS83DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83DGG TI-SN75LVDS83DGG Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83DGGG4 TI-SN75LVDS83DGGG4 Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83DGGR-P TI-SN75LVDS83DGGR-P Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83DGGRG4 TI-SN75LVDS83DGGRG4 Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
More results

Similar Description - SN75LVDS83DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A Datasheet
191Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84 TI-SN75LVDS84 Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
SN75LVDS86 TI-SN75LVDS86 Datasheet
190Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS82 TI-SN75LVDS82 Datasheet
201Kb / 15P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
184Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com