Electronic Components Datasheet Search |
|
CTSPWF-605-S Datasheet(PDF) 2 Page - Central Technologies |
|
CTSPWF-605-S Datasheet(HTML) 2 Page - Central Technologies |
2 / 2 page Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL Power Transformers - Standard E Single 115V ctparts.com CTSPWF Standard E Single 115V 1.1 VA - 36.0 VA B 4 8 Clearance Hole For Optional MTG Screw And Nut Bottom View D E I PCB Pattern H D H 4 5 6 7 8 115Vac 60Hz 1 D D E C 1.041mm 6 1 5 7 A G F PHYSICAL DIMENSIONS WEIGHT 350-S~359-S 400-S~409-S 500-S~509-S 600-S~609-S 610-S~619-S 620-S~629-S VA 1.1 2.4 6.0 12.0 20.0 36.0 73g 110g 180g 311g 384g 520g 350-S~359-S 400-S~409-S 500-S~509-S 600-S~609-S 610-S~619-S 620-S~629-S 03.20.06 VA 1.1 2.4 6.0 12.0 20.0 36.0 A 35.50mm 35.50mm 41.28mm 48.50mm 57.15mm 66.68mm B 30.00mm 30.00mm 33.35mm 40.30mm 47.63mm 55.58mm C 24.00mm 30.50mm 33.35mm 36.80mm 36.53mm 40.50mm D 6.35mm 6.35mm 6.35mm 7.62mm 7.62mm 10.16mm E 6.35mm 6.35mm 8.89mm 10.16mm 10.16mm 10.16mm F 30.48mm 30.48mm 32.51mm 35.81mm 40.64mm 46.99mm G --- --- 27.00mm 31.75mm 38.10mm --- H 19.05mm 19.05mm 21.59mm 25.40mm 25.40mm 30.48mm I 29.98mm 29.98mm 32.01mm 35.31mm 40.14mm 46.49mm |
Similar Part No. - CTSPWF-605-S |
|
Similar Description - CTSPWF-605-S |