Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54SLT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BAT54SLT1
Description  30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAT54SLT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BAT54SLT1 Datasheet HTML 1Page - Motorola, Inc BAT54SLT1 Datasheet HTML 2Page - Motorola, Inc BAT54SLT1 Datasheet HTML 3Page - Motorola, Inc BAT54SLT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54SLT1
5–2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
14
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
–40
°C
25
°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
–55
°C
150
°C
125
°C
100
1000
30
25
20
6
8
10


Similar Part No. - BAT54SLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SLT1 LRC-BAT54SLT1 Datasheet
61Kb / 2P
   Dual Series Schokttky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
103Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 13
logo
Tiger Electronic Co.,Lt...
BAT54SLT1 TGS-BAT54SLT1 Datasheet
234Kb / 6P
   SCHOTTKY BARRIER DIODE
logo
ON Semiconductor
BAT54SLT1D ONSEMI-BAT54SLT1D Datasheet
103Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 13
More results

Similar Description - BAT54SLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAT54LT1 MOTOROLA-BAT54LT1 Datasheet
77Kb / 4P
   30 VOLTS SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MMBD452LT1 ONSEMI-MMBD452LT1 Datasheet
96Kb / 4P
   DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
November, 2001 ??Rev. 2
MBD301 ONSEMI-MBD301 Datasheet
90Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
   SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
logo
Motorola, Inc
MBD54DWT1 MOTOROLA-MBD54DWT1 Datasheet
85Kb / 4P
   30 VOLTS DUAL HOT.CARRIER DETECTOR AND SWITCHING DIODES
BAT54ALT1 MOTOROLA-BAT54ALT1 Datasheet
78Kb / 4P
   30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
MBD301 MOTOROLA-MBD301 Datasheet
130Kb / 6P
   30 VOLTS SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
   Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Diode Semiconductor Kor...
MMBD452 DSK-MMBD452 Datasheet
227Kb / 3P
   Dual Hot-Carrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
   Dual Hot-Carrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com