Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTCCA451K2R5T Datasheet(PDF) 2 Page - Central Technologies

Part # CTTCCA451K2R5T
Description  Chip Tantalum Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTCCA451K2R5T Datasheet(HTML) 2 Page - Central Technologies

  CTTCCA451K2R5T Datasheet HTML 1Page - Central Technologies CTTCCA451K2R5T Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Chip Tantalum Capacitor
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Capacitance
Rated Voltage DC (VR) to 85˚C
uF
Code
2.5V
4V
6.3V
10V
16V
20V
25V
35V
50V
0.10
0.15
0.22
104
154
224
A
A
A
A
A/B
A/B
0.33
0.47
0.68
334
474
684
A
A
A
A
A/B
A/B
B
B/C
B/C
1.0
1.5
2.2
105
155
225
A
A
A
A
A
A/B
A
A
A/B
A
A/B
A/B
A/B/C
B/C
B/C
B/C
C/D
C/D
3.3
4.7
6.8
335
475
685
A
A
A
A
A/B
A
A/B
A/B
A/B
A/B
A/B/C
A/B
A/B/C
B/C
A/B/C
B/C
B/C
C/D
C/D
C/D
C/D
D
D
10
15
22
106
156
226
A
A/B
A
A/B
A/B
A/B/C
A/B/C
A/B/C
A/B/C
A/B/C
B/C
B/C/D
B/C
B/C/D
B/C/D
C/D
C/D
C/D
D/E
D/E
E
D/E
E
33
47
68
336
476
686
A
A
A/B
A/B
B/C
A/B/C
B/C/D
B/C/D
B/C/D
B/C/D
C/D
B/C/D
C/D
C/D
C/D
C/D/E
D/E
D/E
D/E
E
100
150
220
107
157
227
B
B/D
B/C
B/C
C/D
B/C/D
C/D
C/D/E
C/D/E
C/D/E
D/E
D/E
D/E/V
D/E/V
D/E/V
E/V
V
330
470
680
337
477
687
D
C/D
D
C/D/E
D/E
D/E
C/D/E
D/E/V
V
D/E/V
E/V
V
E/V
1000
108
D/E
E/V
V
1500
158
E/V
V
* Higher Voltage or Smaller Size substitution is offered upon request.
CTTCC Series
06.02.08
CAPACITANCE & RATED VOLTAGE RANGE
TECHNICAL SPECIFICATIONS
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1uF to 1000uF
Capacitance Tolerance:
±10% ; ±20%
Rated Voltage(VR)
+85°C
2.5
4
6.3
10
16
20
25
35
50
Category Voltage(VC)
+125°C
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage(VS)
+85°C
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage(VS)
+125°C
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability
1% per 1000 hours at 85°C,VR with 0.1 Ω/ VR Series impedance,
60% confidence level
Qualification
CECC 30801 -005 issue 2 ; EIA 535BAAC


Similar Part No. - CTTCCA451K2R5T

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
CTTCMCF CT-CTTCMCF Datasheet
191Kb / 1P
   Common Mode Inductor
REV 07.27.17
CTTCMCF-01 CT-CTTCMCF-01 Datasheet
191Kb / 1P
   Common Mode Inductor
REV 07.27.17
CTTCMCF-02 CT-CTTCMCF-02 Datasheet
191Kb / 1P
   Common Mode Inductor
REV 07.27.17
More results

Similar Description - CTTCCA451K2R5T

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211P-016 ABRACON-ATCC-211P-016 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
logo
AVX Corporation
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com