Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTSD25F-820M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSD25F-820M
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSD25F-820M Datasheet(HTML) 1 Page - Central Technologies

  CTSD25F-820M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
07.17.08
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*Irms: Average current for 40°C temp. rise from 25°C ambient.
**Isat: DC current at which the inductance drops 30% typ. from its value without current.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Max.
Max.
Number
(µH ±20%)
(KHz)
(
Ω
Ω)
(A)
(A)
CTSD25F-R47M
0.47
100
0.0221
3.88
6.00
CTSD25F-R82M
0.82
100
0.0260
3.58
4.67
CTSD25F-1R2M
1.20
100
0.0300
3.33
3.81
CTSD25F-1R5M
1.50
100
0.0343
3.12
3.23
CTSD25F-2R2M
2.20
100
0.0389
2.93
2.80
CTSD25F-3R3M
3.30
100
0.0480
2.64
2.21
CTSD25F-4R7M
4.70
100
0.0584
2.39
1.83
CTSD25F-6R2M
6.20
100
0.0695
2.19
1.56
CTSD25F-8R2M
8.20
100
0.0905
1.92
1.45
CTSD25F-100M
10.0
100
0.1030
1.80
1.27
CTSD25F-150M
15.0
100
0.1195
1.67
1.08
CTSD25F-220M
22.0
100
0.1848
1.34
0.857
CTSD25F-330M
33.0
100
0.2686
1.11
0.711
CTSD25F-470M
47.0
100
0.3945
0.919
0.592
CTSD25F-680M
68.0
100
0.6063
0.741
0.482
CTSD25F-820M
82.0
100
0.6553
0.713
0.441
CTSD25F-101M
100
100
0.7421
0.670
0.398
CTSD25F-151M
150
100
1.0904
0.553
0.328
CTSD25F-221M
220
100
1.6750
0.446
0.268
CTSD25F-331M
330
100
2.5875
0.359
0.129
CTSD25F-471M
470
100
3.8750
0.293
0.184
CTSD25F-681M
680
100
4.8500
0.262
0.154
CTSD25F-821M
820
100
6.3000
0.230
0.139
CTSD25F-102M
1000
100
7.1250
0.216
0.126
CTSD25F Series
From 0.47 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Digital cameras, CD players, cellular phones,
PDAs, PCMCIA cards, GPS systems, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
XXX
A
Marking: Inductance Code
C
*C: 2.55mm Max. (0.47µH~10µH)
2.5mm Max. (15µH~1000µH)
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
Typ.
Ref.
Ref.
Ref.
mm
5.2
5.2
See
1.5
0.6
1.8
1.2
inches
0.205
0.205
Below
0.059
0.024
0.071
0.047
PHYSICAL DIMENSIONS
RoHS
Compliant
PAD LAYOUT
2.575
5.15
2.25
Unit: mm


Similar Part No. - CTSD25F-820M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD20F CT-CTSD20F Datasheet
489Kb / 1P
   Power Inductors - Shielded
CTSD20F-100M CT-CTSD20F-100M Datasheet
489Kb / 1P
   Power Inductors - Shielded
CTSD20F-101M CT-CTSD20F-101M Datasheet
489Kb / 1P
   Power Inductors - Shielded
CTSD20F-102M CT-CTSD20F-102M Datasheet
489Kb / 1P
   Power Inductors - Shielded
CTSD20F-150M CT-CTSD20F-150M Datasheet
489Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTSD25F-820M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com